Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17703 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17703
Description  Low Power 16-bit Single Chip Microcontroller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17703 Datasheet(HTML) 2 Page - Epson Company

  S1C17703 Datasheet HTML 1Page - Epson Company S1C17703 Datasheet HTML 2Page - Epson Company S1C17703 Datasheet HTML 3Page - Epson Company S1C17703 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1C17705/703
UART
2 channels (IrDA1.0 supported)
IR remote controller (REMC)
1 channel
LCD driver
LCD outputs
• 128 SEG × 32 COM
• Supports 64 SEG × 64 COM
emulation RAM mapping.
• 120 SEG × 32 COM
• Supports 60 SEG × 64 COM
emulation RAM mapping.
Other
1/5 bias (built-in power supply voltage booster circuit)
Timers
16-bit timer (T16)
5 channels
16-bit PWM timer (T16A)
4 channels
16-bit PWM timer (T16A2)
4 channels
Clock timer (CT)
1 channel
Stopwatch timer (SWT)
1 channel
Watchdog timer (WDT)
1 channel
A/D converter
Conversion method
Successive approximation type
Number of analog input channels
8 channels (max.)
Resolution
10 bits
R/F converter
Conversion method
CR oscillation type with 24-bit counter
Number of conversion channels
2 channels (2 sensors can be connected to each channel.)
Sensor supported
DC-bias resistive/capacitive sensors and AC-bias resistive sensors
Other
Supports external input for counting pulses.
Supply voltage detector (SVD)
Detection levels
15 programmable detection levels (1.8 V to 3.2 V)
Interrupts
Reset interrupt
#RESET pin
NMI
Watchdog timer
Programmable interrupts
26 systems (8 levels)
Power supply voltage
Operating voltage (VDD)
• 1.8 V to 3.6 V (for normal operation)
• 2.5 V to 3.6 V (for Flash erasing/programming)
• Built-in voltage regulator (two operating voltages switchable)
Analog voltage (AVDD)
AVDD = VDD
Operating temperature
Operating temperature range
-25°C to 70°C
Current consumption (Typ. value)
SLEEP state
(OSC1 = Off, IOSC = Off,
OSC3 = Off)
1.2
μA
1.0
μA
HALT state
(OSC1 = 32kHz, IOSC = Off,
OSC3 = Off, LCD = Off)
2.7
μA
2.5
μA
HALT state
(OSC1 = 32kHz, IOSC = Off,
OSC3 = Off, LCD = On)
9.7
μA
9.5
μA
Run state
(OSC1 = 32kHz, IOSC = Off,
OSC3 = Off, LCD = Off)
18
μA
15
μA
Run state
(OSC1 = Off, IOSC = Off,
OSC3 = 1 MHz ceramic,
LCD = Off)
557
μA
450
μA
A/D converting current
200
μA (AVDD = 3.6 V, 100 kHz sampling)
Shipping form
1
QFP23-240pin
QFP21-216pin
2
Chip
Chip
3
VFBGA10H-240
Size/pitch
QFP23-240pin
(body size: 32 mm × 32 mm, lead pitch: 0.5 mm)
QFP21-216pin
(body size: 24 mm × 24 mm, lead pitch: 0.4 mm)
VFBGA7H-240
(body size: 10 mm × 10 mm, ball pitch: 0.5 mm)
Chip (S1C17705)
(pad pitch: 90
μm)
Chip (S1C17703)
(pad pitch: 80
μm)
2
Seiko Epson Corporation


Similar Part No. - S1C17703

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17701 EPSON-S1C17701 Datasheet
115Kb / 6P
   CMOS 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17704 EPSON-S1C17704 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17703

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17711 EPSON-S1C17711 Datasheet
118Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17704 EPSON-S1C17704 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com