Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-QM00-S0000 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-QM00-S0000
Description  Subminiature Blue and Green InGaN LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-QM00-S0000 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-QM00-S0000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-QM00-S0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Absolute Maximum Ratings at TA = 25
qC
Parameter
Value
Peak Forward Current
90 mA
DC Forward Current[1]
30 mA
Power Dissipation
110 mW
Reverse Voltage (IR = 100 μA)
5 V
Operating Temperature Range
–40
qC to +85qC
Storage Temperature Range
–55
qC to +100qC
LED Junction Temperature
110
qC
Lead Soldering Temperature
[1.6 mm (0.063 in.) from body]
260
qC for 5 seconds
SMT Reflow Soldering Temperature
260
qC for 20 seconds
Note:
1. Derate linearly as shown in Figure 5.
Optical Characteristics at TA = 25
qC
Part Number
Luminous Intensity
Iv (mcd) @ IF = 20 mA
Color, Peak
Wavelength
OPEAK (nm)
Typ.
Dominant
Wavelength
Od (nm)
Typ.
Spectral
Halfwidth
-
O1/2 (nm)
Typ.
Viewing
Angle 2
T1/2
Degrees
Typ.
Luminous
Efficacy
Kv(lm/W)
Min.
Typ.
HLMP-PB00-N0000
25
60
470
468
26
85
70
HLMP-PM00-N0000
25
200
523
525
36
85
500
HLMP-QB00-S0000
160
290
470
468
26
12
70
HLMP-QM00-S0000
160
690
523
525
36
12
500
Electrical Characteristics at TA = 25
qC
Part Number
Forward Voltage
VF (Volts) @ IF = 20 mA
Reverse Breakdown
VR (Volts) @ IR = 100 μA
Min.
Capacitance C (pF),
VF = 0, f = 1 MHz
Typ.
Thermal Resistance
R
TJ-PIN (qC/W)
Typ.
Typ.
Max.
HLMP-PB00-N0000
3.7
4.1
5
52
170
HLMP-PM00-N0000
3.7
4.1
5
52
170
HLMP-QB00-S0000
3.7
4.1
5
52
170
HLMP-QM00-S0000
3.7
4.1
5
52
170


Similar Part No. - HLMP-QM00-S0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-Q100 HP-HLMP-Q100 Datasheet
152Kb / 16P
   Subminiature LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q100 AVAGO-HLMP-Q100 Datasheet
240Kb / 16P
   Subminiature LED Lamps nondiff used dome for high brightness
logo
Broadcom Corporation.
HLMP-Q100 BOARDCOM-HLMP-Q100 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
Agilent(Hewlett-Packard...
HLMP-Q100-M0000 HP-HLMP-Q100-M0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-Q100-M00XX HP-HLMP-Q100-M00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Similar Description - HLMP-QM00-S0000

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TL21W01N MARKTECH-TL21W01N Datasheet
303Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W02L MARKTECH-TL21W02L Datasheet
294Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W02D MARKTECH-TL21W02D Datasheet
310Kb / 14P
   LED Lamps InGaN and Phosphor
logo
Toshiba Semiconductor
TL21W01-N TOSHIBA-TL21W01-N Datasheet
274Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W01-D1 TOSHIBA-TL21W01-D1 Datasheet
274Kb / 14P
   LED Lamps InGaN and Phosphor
logo
Marktech Corporate
TL21W02D1 MARKTECH-TL21W02D1 Datasheet
306Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W01D1 MARKTECH-TL21W01D1 Datasheet
303Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W01L1 MARKTECH-TL21W01L1 Datasheet
306Kb / 14P
   LED Lamps InGaN and Phosphor
TL21W02L1 MARKTECH-TL21W02L1 Datasheet
294Kb / 14P
   LED Lamps InGaN and Phosphor
logo
Toshiba Semiconductor
TL21W01-L TOSHIBA-TL21W01-L Datasheet
278Kb / 14P
   LED Lamps InGaN and Phosphor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com