Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7723-020E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7723-020E
Description  50 MBd 2 ns PWD High Speed CMOS Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7723-020E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7723-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7723-020E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Switching Specifications
Test conditions that are not specified can be anywhere within the recommended operating range.
All typical specifications are at TA = +25°C,VDD1 =VDD2 = +5V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Propagation Delay Time to Logic
tPHL
16
22
ns
CL = 15 pF CMOS Signal Levels; Figure 5
Low Output[3]
Propagation Delay Time to Logic
tPLH
16
22
ns
CL = 15 pF CMOS Signal Levels; Figure 5
High Output[3]
Pulse Width
PW
20
ns
CL = 15 pF CMOS Signal Levels
Maximum Data Rate
50
MBd
CL = 15 pF CMOS Signal Levels
Pulse Width Distortion[4] |tPHL - tPLH|
|PWD|
1
2
ns
CL = 15 pF CMOS Signal Levels; Figure 6
Propagation Delay Skew[5]
tPSK
16
ns
CL = 15 pF CMOS Signal Levels
Output Rise Time (10% – 90%)
tR
8
ns
CL = 15 pF CMOS Signal Levels
Output Fall Time (90% - 10%)
tF
6
ns
CL = 15 pF CMOS Signal Levels
Common Mode Transient Immunity
|CMH|
10
15
kV/µs
VCM = 1000V,TA = 25°C,
at Logic High Output[6]
VI =VDD1,VO > 0.8VDD2
Common Mode Transient Immunity
|CML|
10
15
kV/µs
VCM = 1000V,TA = 25°C,
at Logic Low Output[6]
VI = 0V,VO < 0.8V


Similar Part No. - HCPL-7723-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7723-060 HP-HCPL-7723-060 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
More results

Similar Description - HCPL-7723-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7723 HP-HCPL-7723 Datasheet
249Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7723 AVAGO-HCPL-7723 Datasheet
229Kb / 12P
   50 MBd 2 ns PWD High Speed CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Vishay Siliconix
VO2630 VISHAY-VO2630 Datasheet
664Kb / 12P
   High Speed Optocoupler, 10 Mbd
Rev. 1.0, 07-Jun-05
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
6N137A VISHAY-6N137A_V01 Datasheet
209Kb / 10P
   High Speed Optocoupler, 10 MBd
01-Jan-2022
SFH6752 VISHAY-SFH6752 Datasheet
153Kb / 13P
   High Speed Optocoupler, 10 Mbd
Rev. 1.8, 13-Aug-04
6N137A VISHAY-6N137A Datasheet
222Kb / 10P
   High Speed Optocoupler, 10 MBd
Rev. 1.2, 22-May-13
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
SFH6750 VISHAY-SFH6750_V01 Datasheet
183Kb / 11P
   High Speed Optocoupler, Dual, 10 MBd
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com