Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-1520-302E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1520-302E
Description  High Current, Solid State Relay (Photo MOSFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1520-302E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-1520-302E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASSR-1520-302E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Electrical Specifications (DC)
Over recommended operating TA = -40°C to 85°C, IF = 5mA to 10mA, unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Output Withstand
Voltage
|VO(OFF)|60
65
V
VF =0.8V, IO=250
A, TA=25C
55
V
VF =0.8V, IO=250
A
5
Output Leakage
Current
IO(OFF)
0.5
100
nA
VF =0.8V, VO=60V, TA=25
C
1
A
VF =0.8V, VO=60V
6
Output Offset
Voltage
|V(OS)|1
V
IF =5mA, IO=0mA
Input Reverse
Breakdown Volt-
age
VR
5V
IR =10
A
Input Forward
Voltage
VF
1.1
1.3
1.65
V
IF =5mA
8, 9
Output
On-resistance
R(ON)
0.35
0.5
IF =5mA, IO=1A,
Pulse
30ms, TA=25C
10, 11
6
ASSR-1511
Connection B
R(ON)
0.12
0.2
IF =5mA, IO=2A,
Pulse
30ms, TA=25C
Switching Specifications (AC)
Over recommended operating TA = -40°C to 85°C, IF = 5mA to 10mA, unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Turn On Time
TON
0.5
1.0
ms
IF =5mA, IO=1A, TA=25
C
12, 16
2.0
ms
IF =5mA, IO=1A
13
0.25
0.5
ms
IF =10mA, IO=1A, TA=25
C
1.0
ms
IF =10mA, IO=1A
Turn Off Time
TOFF
0.03
0.2
ms
IF =5mA, IO=1A, TA=25
C
14, 16
0.5
ms
IF =5mA, IO=1A
15
0.02
0.15
ms
IF =10mA, IO=1A, TA=25
C
0.2
ms
IF =10mA, IO=1A
Output Transient
Rejection
dVO/dt
1
7
kV/
s
VO=60V, TA=25C
17
Input-Output
Transient Rejection
dVI-O/dt
1
10
kV/
s
VI-O=1000V, TA=25C
18
Notes:
1. For derating, refer to Figure 1, 2, 3 and 4.
2. The voltage across the output terminals of the relay should not exceed this rated withstand voltage. Over-voltage protection circuits should
be added in some applications to protect against over-voltage transients.
3. Threshold to switch device is IF
 0.5mA, however, for qualified device performance over temperature range, it is recommended to operate at
IF =5mA.
4. Device is considered as a two terminal device:
ASSR-1510 - pin 1, 2 shorted and pin 3, 4 shorted.
ASSR-1511 - pin 1, 2, 3 shorted and pin 4, 5, 6 shorted.
ASSR-1520 and ASSR-1530 - pin 1, 2, 3, 4 shorted and pin 5, 6, 7, 8 shorted.
5. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your
equipment level safety specification, or Avago Technologies Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
6. During the pulsed R(ON) measurement ( IO duration
30ms), ambient (TA) and case temperature (TC) are equal.


Similar Part No. - ASSR-1520-302E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1520 AVAGO-ASSR-1520 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
logo
Broadcom Corporation.
ASSR-1520 BOARDCOM-ASSR-1520 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
More results

Similar Description - ASSR-1520-302E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1510 BOARDCOM-ASSR-1510 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4128-302E AVAGO-ASSR-4128-302E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com