Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-1511-301E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-1511-301E
Description  High Current, Solid State Relay (Photo MOSFET)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-1511-301E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASSR-1511-301E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ASSR-1511-301E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Applications Information
On-Resistance and Derating Curves
The Output On-Resistance, R(ON), specified in this data
sheet, is the resistance measured across the output
contact when a pulsed current signal (Io=1A) is applied
to the output pins. The use of a pulsed signal (≤ 30ms)
implies that each junction temperature is equal to
the ambient and case temperatures. The steady-state
resistance, Rss, on the other hand, is the value of the
resistance measured across the output contact when
a DC current signal is applied to the output pins for
a duration sufficient to reach thermal equilibrium.
Rss includes the effects of the temperature rise in the
device.
Figure 1. Maximum Output Current Rating vs Ambient Temperature
(ASSR-1510-003E)
Figure 2. Maximum Output Current Rating vs Ambient Temperature
(ASSR-1511-001E)
Derating curves are shown in Figures 1, 2, 3 and 4,
specifying the maximum output current allowable for
a given ambient temperature. The maximum allowable
output current and power dissipation are related by the
expression Rss=Po(max)/(Io(max))2 from which Rss can
be calculated. Staying within the safe area assures that
the steady state MOSFET junction temperature remains
less than 125°C.
Turn On Time and Turn Off Time Variation
The ASSR-15xx Series exhibits a very fast turn on and
turn off time. Both the turn on and turn off time can
be adjusted by choosing proper forward current as
depicted in Figures 12 and 14. The changes of the turn
on and turn off time with ambient temperature are also
shown in Figures 13 and 15.
Figure 3. Maximum Output Current Rating vs Ambient Temperature
(ASSR-1511-001E DC Connection)
Figure 4. Maximum Output Current Rating vs Ambient Temperature
(ASSR-1520-002E and ASSR-1530-005E)
0
0.5
1
1.5
2
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
Safe
Operating
Area
IF = 10mA, 4-Layer Board
0
0.2
0.4
0.6
0.8
1
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
Safe
Operating
Area
IF = 10mA, 4-Layer Board
0
0.2
0.4
0.6
0.8
1
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
IF = 10mA, 4-Layer Board
0
0.2
0.4
0.6
0.8
1.0
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
IF = 10mA, 4-Layer Board
1-Channel
Safe
Operating
Area
2-Channel
Safe
Operating
Area


Similar Part No. - ASSR-1511-301E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1511 AVAGO-ASSR-1511 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
logo
Broadcom Corporation.
ASSR-1511 BOARDCOM-ASSR-1511 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
More results

Similar Description - ASSR-1511-301E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-1510 BOARDCOM-ASSR-1510 Datasheet
1Mb / 17P
   High Current, Solid State Relay (Photo MOSFET) (60V/1.0A/0.5廓)
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4118 BOARDCOM-ASSR-4118 Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-4110 AVAGO-ASSR-4110 Datasheet
558Kb / 16P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-1410-003E AVAGO-ASSR-1410-003E Datasheet
465Kb / 15P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
ASSR-3211 AVAGO-ASSR-3211 Datasheet
161Kb / 14P
   General Purpose, Form A, Solid State Relay (Photo MOSFET)
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
   High Current, 1 Form A, Solid State Relay (MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-4128-302E AVAGO-ASSR-4128-302E Datasheet
160Kb / 11P
   Form A, Solid State Relay (Photo MOSFET) (400V/0.10A/35Ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com