Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65880E Datasheet(PDF) 3 Page - EPCOS

Part # B65880E
Description  Ferrites and Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65880E Datasheet(HTML) 3 Page - EPCOS

  B65880E Datasheet HTML 1Page - EPCOS B65880E Datasheet HTML 2Page - EPCOS B65880E Datasheet HTML 3Page - EPCOS B65880E Datasheet HTML 4Page - EPCOS B65880E Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ferrites and Accessories
PQ32/20 – Cores and coil former
B65879A, B65880E
KA IN FER D PD, SMP IN FER D PD
August 2009
Please read Cautions and warnings and
Page 3 of 5
Important notes at the end of this document.
Coil former B65880E series
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
H=max.operating temperature 180 °C), color code black
Sumikon PM9820 [E41429(M)], SUMITOMO BAKELITE CO LTD
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 68-2-20, test Tb, method 1B: 350 °C, 3.5 s
Sections
AN
mm²
lN
mm
AR value
µΩ
Terminals Ordering code
1
47
66
48
12
B65880E0012D001


Similar Part No. - B65880E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65880E EPCOS-B65880E Datasheet
296Kb / 5P
   Ferrites and accessories
B65880E EPCOS-B65880E Datasheet
369Kb / 5P
   Ferrites and accessories
B65880E EPCOS-B65880E Datasheet
134Kb / 5P
   Ferrites and Accessories
logo
TDK Electronics
B65880E TDK-B65880E Datasheet
153Kb / 5P
   Ferrites and Accessories
logo
EPCOS
B65880E0012D001 EPCOS-B65880E0012D001 Datasheet
296Kb / 5P
   Ferrites and accessories
More results

Similar Description - B65880E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com