Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5540 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5540
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5540 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5540 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HEDS-5540 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Encoder Mounting and Assembly
1a. For HEDS-5500 and 5600: Mount encoder base plate
onto motor. Tighten screws. Go on to step 2.
1b. For HEDS-5540, 5640 and HEDM-5500, 5600, 5540 :
Slip alignment tool onto motor shaft. With alignment
tool in place, mount encoder baseplate onto motor
as shown above. Tighten screws. Remove alignment
tool.
1c. It is recommended that adhesive* is applied to the
screw-baseplate interface to prevent screw loosening
due to effect of high temperature on plastic
2.
Snap encoder body onto base plate locking all 4
snaps.
3a. Push the hex wrench into the body of the encoder to
ensure that it is properly seated into the code wheel
hub set screws. Then apply a downward force on the
end of the hex wrench. This sets the code wheel gap
by levering the code wheel hub to its upper position.
3b. While continuing to apply a downward force, rotate
the hex wrench in the clockwise direction until the
hub set screw is tight against the motor shaft (The
recommended torque to tighten the setscrew is 15-
18 ozf.inch). The hub set screw attaches the code
wheel to the motor’s shaft.
3c. Remove the hex wrench by pulling it straight out of
the encoder body.
4.
Use the center screwdriver slot, or either of the two
side slots, to rotate the encoder cap dot clockwise
from the one dot position to the two dot position. Do
not rotate the encoder cap counterclockwise beyond
the one dot position.
The encoder is ready for use!


Similar Part No. - HEDS-5540

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5540 HP-HEDS-5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5540 AVAGO-HEDS-5540 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5540 AVAGO-HEDS-5540 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5540 AVAGO-HEDS-5540 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5540 AVAGO-HEDS-5540 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5540

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com