Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-5600 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5600
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5600 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-5600 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical Characteristics
Electrical Characteristic over Recommended Operating Range
Part No.
Parameter
Sym.
Min
Typ.*
Max.
Units
Notes
HEDS-5500
HEDS-5600
Supply Current
High Level Output Voltage
Low Level Output Voltage
ICC
VOH
VOL
2.4
17
40
0.4
mA
V
V
IOH = -40μA max
IOL= 3.2mA
Rise Time
Fall Time
tr
tf
200
50
ns
ns
CL= 25 pF
RL = 11 kΩ pull-up
HEDS-5540
HEDS-5640
HEDM-5500
HEDM-5600
Supply Current
High Level Output Voltage
Low Level Output Voltage
ICC
VOH
VOL
30
2.4
57
85
0.4
mA
V
V
IOH = -200μA max
IOL= 3.86mA
Rise Time
Fall Time
tr
tf
180
40
ns
ns
CL= 25 pF
RL = 2.7 kΩ pull-up
HEDM-5500
HEDM-5600
Supply Current
High Level Output Voltage
Low Level Output Voltage
ICC
VOH
VOL
30
2.4
57
85
0.4
mA
V
V
IOH = -40μA max
IOL= 3.86mA
Rise Time
Fall Time
tr
tf
180
40
ns
ns
CL= 25 pF
RL = 3.2 kΩ pull-up
HEDM-5540
Supply Current
High Level Output Voltage
Low Level Output Voltage
ICC
VOH
VOL
30
2.4
57
85
0.4
mA
V
V
IOH = -200μA max
IOL= 3.86mA
Rise Time
Fall Time
tr
tf
200
80
ns
ns
CL= 25 pF
RL = 2.7 kΩ pull-up
* Typical values specified at VCC = 5.0V and 25ºC


Similar Part No. - HEDS-5600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-5600 HP-HEDS-5600 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5600 AVAGO-HEDS-5600 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5600 AVAGO-HEDS-5600 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com