Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-W61L-060E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W61L-060E
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W61L-060E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W61L-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W61L-060E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Condition
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Reverse Input Voltage
VR
5
V
Supply Voltage
VDD
6.5
V
Average Forward Input Current
IF
8
mA
Peak Forward Input Current
(IF at 1 μs pulse width, <10% duty cycle)
IF(TRAN)
1
A
≤1
μs Pulse Width, <300 pulses per second
80
mA
≤1
μs Pulse Width, <10% Duty Cycle
Output Current
IO
10
mA
Output Voltage
VO
–0.5
VDD +0.5
V
Input Power Dissipation
PI
14
mW
Output Power Dissipation
PO
20
mW
Lead Solder Temperature
TLS
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Units
Operating Temperature
TA
- 40
105
°C
Input Current, Low Level
IFL
0
250
μA
Input Current, High Level
IFH
1.6
6.0
mA
Power Supply Voltage
VDD
2.7
5.5
V
Forward Input Voltage
VF (OFF)
0.8
V
Electrical Specifications (DC)
Over the recommended temperature (TA = –40°C to +105°C) and supply voltage (2.7 V ≤ VDD ≤ 5.5 V). All typical specifi-
cations are at VDD = 5 V and TA = 25°C.
Parameter
Symbol
Channel Min
Typ
Max
Units
Test Conditions
Input Forward Voltage
VF
0.95
1.3
1.7
V
IF = 2 mA
Figure 1, 2
Input Reverse
Breakdown Voltage
BVR
3
5
V
IR = 10 μA
Logic High
Output Voltage
VOH
VDD - 0.1 VDD
V
IF = 0 mA, VI = 0 V (RT = 1.68 kΩ)
or (RT = 870 Ω), IO = -20 μA
VDD - 1.0 VDD
V
IF = 0 mA, VI = 0 V (RT = 1.68 kΩ)
or (RT = 870 Ω), IO = -3.2 mA
Logic Low
Output Voltage
VOL
0.03
0.1
V
IF = 2 mA, VI = 5 V (RT = 1.68 kΩ)
or VI = 3.3V (RT = 870 Ω), IO = 20 μA
0.18
0.4
V
IF = 2 mA, VI = 5 V (RT = 1.68 kΩ)
or VI = 3.3V (RT = 870 Ω), IO = 3.2 mA
Input Threshold Current
ITH
0.7
1.3
mA
Figure 3
Logic Low Output
Supply Current
IDDL
Single
0.8
1.3
mA
Figure 4
Dual
1.6
2.6
Logic High Output
Supply Current
IDDH
Single
0.8
1.3
mA
Figure 5
Dual
1.6
2.6
Input Capacitance
CIN
60
pF
f = 1 MHz, VF = 0 V
Input Diode
Temperature Coefficient
ΔVF/ΔTA
-1.6
mV/°C
IF = 2 mA


Similar Part No. - ACPL-W61L-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W61L AVAGO-ACPL-W61L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACPL-W61L AVAGO-ACPL-W61L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-W61L BOARDCOM-ACPL-W61L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-W61L-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com