Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD701 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBD701
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD701 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBD701 Datasheet HTML 1Page - Fairchild Semiconductor MMBD701 Datasheet HTML 2Page - Fairchild Semiconductor MMBD701 Datasheet HTML 3Page - Fairchild Semiconductor MMBD701 Datasheet HTML 4Page - Fairchild Semiconductor MMBD701 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings* TA = 25OC unless otherwise noted
Sym
Parameter
Value
Units
Tstg
Storage Temperature
-55 to +150
OC
TJ
Operating Junction Temperature
-55 to +125
OC
Wiv
Working Inverse Voltage
35
V
PF
Forward Power Dissipation @ TA = 25
OC
200
mW
Derate above 25OC
2.0
Mw/OC
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
MMBD701
Electrical Characteristics
TA = 25OC unless otherwise noted
SYM
CHARACTERISTICS
MIN
MAX
UNITS
TEST CONDITIONS
B
V
Breakdown Voltage
70
V
I
R
=
10 uA
I
R
Reverse Leakage
200
nA
V
R
=
35 V
V
F
Forward Voltage
500
mV
I
F
=
1.0 mA
1.0
V
I
F
=
10 mA
C
T Capacitance
1.0
pF
V
R
=
20 V
f
=
1.0 MHz
5HF
3
1
2
Schottky Barrier Diode
Sourced from Process GE
PACKAGE
SOT-23
TO-236AB (Low)
© 1997 Fairchild Semiconductor Corporation
3
1
2 NC
PACKAGE
SOT-23
TO236AB
CONNECTION DIAGRAM
ADVANCED INFORMATION ONLY
NOT IN PRODUCTION


Similar Part No. - MMBD701

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
MMBD701 DAESAN-MMBD701 Datasheet
262Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Pan Jit International I...
MMBD701 PANJIT-MMBD701 Datasheet
150Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD701 LUGUANG-MMBD701 Datasheet
207Kb / 1P
   Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
MMBD701 DSK-MMBD701 Datasheet
200Kb / 2P
   Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD701 BILIN-MMBD701 Datasheet
132Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - MMBD701

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com