Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M61L-560E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61L-560E
Description  Ultra Low Power 10 MBd Digital CMOS Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M61L-560E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M61L-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61L-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics* (Option 060)
Description
Symbol
Characteristic
Unit
ACPL-064L/
ACPL-M61L
ACPL-W61L/
ACPL-K64L
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I – IV
I – III
I – II
I – IV
I – IV
I – III
I – III
Climatic Classification
55/105/21
55/105/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
567
1140
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with tm =1 sec,
Partial discharge < 5 pC
VPR
1063
2137
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6=VPR, Type and Sample Test, tm = 10 sec,
Partial discharge < 5 pC
VPR
907
1824
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-limiting values
– maximum values allowed in the event of a failure.
Case Temperature
Input Current**
Output Power**
TS
IS, INPUT
PS, OUTPUT
150
150
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/
DIN EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figures for dependence of PS and IS on ambient temperature.
0
TS – CASE TEMPERATURE – °C
400
600
200
100
300
500
700
PS (mW)
IS (mA)
Surface Mount SO-8 Product
0
200
400
600
800
1000
0
25
50
75
100
125
150
175
TS – CASE TEMPERATURE – °C
PS (mW)
IS (mA)
Surface Mount SSO-6/SSO-8 Product
0
25
50
75 100 125 150 175 200


Similar Part No. - ACPL-M61L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-M61L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com