Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-060L Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-060L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-060L Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-060L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-060L Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Parameter
Sym.
Device
Min.
Typ.
Units
Test Conditions
Fig.
Note
Output High Level
Common Mode
Transient Immunity
|CMH|
HCPL-263L
HCPL-063L
HCPL-260L
HCPL-060L
15
25
kV/
ms
VCC = 3.3 V, IF = 0 mA,
VO(MIN) = 2 V, RL = 350 W,
TA = 25°C, VCM = 1000 V
and VCM = 10V
10
12,
14,
15
Output Low Level
Common Mode
Transient Immunity
|CML|
HCPL-263L
HCPL-063L
HCPL-260L
HCPL-060L
15
25
kV/
ms
VCC = 3.3 V, IF = 7.5 mA,
VO(MAX) = 0.8 V, RL = 350 W,
TA = 25°C, VCM = 1000 V
and VCM = 10V
10
13,
14,
15
Output High Level
Common Mode
Transient Immunity
|CMH|
HCPL-263L
HCPL-063L
HCPL-260L
HCPL-060L
10
15
kV/
ms
VCC = 5 V, IF = 0 mA,
VO(MIN) = 2 V, RL = 350 W,
TA = 25°C, VCM = 1000 V
10
12,
14,
15
Output Low Level
Common Mode
Transient Immunity
|CML|
HCPL-263L
HCPL-063L
HCPL-260L
HCPL-060L
10
15
kV/
ms
VCC = 5 V, IF = 7.5 mA,
VO(MAX) = 0.8 V, RL = 350 W,
TA = 25°C, VCM = 1000 V
10
13,
14,
15


Similar Part No. - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-060L HP-HCPL-060L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L AVAGO-HCPL-060L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-060L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com