Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-054L-000E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-054L-000E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-054L-000E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-054L-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Switching Specifications (ACPL-M50L)
Over recommended operating (TA = -40°C to 105°C), IF = 3mA, (2.7V ≤ VCC ≤ 24V), unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig.
Propagation Delay Time to
Logic Low at Output
TPHL
0.2
0.5
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=3.3 V, RL=1.2k
,
CL=15pF, VTHHL=1.5V
14
0.2
1
s
6a, 14 
0.22
0.5
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=5.0 V, RL=1.9k
,
CL=15pF, VTHHL=1.5V
14
0.22
1
s
7a, 14 
0.33
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=24V, RL=10k
,
CL=15pF, VTHHL=1.5V
14
0.33
1.3
s
8a, 14 
Propagation Delay Time to
Logic High at Output
TPLH
0.38
0.8
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=3.3 V, RL=1.2k
,
CL=15pF, VTHHL=2.0V
14
0.38
1.2
s
6a, 14 
0.31
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=5.0 V, RL=1.9k
,
CL=15pF, VTHHL=2.0V
14
0.31
1
s
7a, 14 
0.3
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=24V, RL=10k
,
CL=15pF, VTHHL=2.0V
14
0.3
1
s
8a, 14 
Pulse Width Distortion[1]
PWD
0.18
0.8
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=3.3 V, RL=1.2k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.18
1.2
s
14
0.1
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=5.0V, RL=1.9k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.1
1
s
14
0.1
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=24V, RL=10k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
14
0.1
1
s
14
Propagation Delay
Difference Between
Any two Parts[2]
tpsk
0.18
0.7
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=3.3 V , RL=1.2k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
 
0.1
0.6
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=5.0V, RL=1.9k
,
CL=15pF, VTHHL=1.5V, VTHLH=2.0V
 
0.1
0.6
s
TA=25°C
Pulse: f=10kHz, Duty cycle=50%,
IF= 3mA, VCC=24V, RL=10k
,
CL=15pF, VTHHL=2.0V
 
Common Mode Transient
Immunity at Logic High
Output[3]
|CMH|
1525 
kV/
s  VCM=1500V, IF=0mA, TA=25°C,
RL=1.2k
 or 1.9k, VCC=3.3 V or 5V
15
Common Mode Transient
Immunity at Logic Low
Output[4]
|CML|
1520 
kV/
s  VCM=1500V, IF=3mA, TA=25°C,
RL=1.2k
, VCC=5V
15
10
15
 
kV/
s  VCM=1500V, IF=3mA, TA=25°C,
RL=1.2k
, VCC=3.3 V
15


Similar Part No. - ACPL-054L-000E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-054L-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com