Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-844-060E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-844-060E
Description  Multi-Channel Full-Pitch Phototransistor Optocoupler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-844-060E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-844-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-844-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
5
°C
Operating Temperature
TA
-30
00
°C
Average Forward Current
IF(AVG)
-
±50
mA
Input Power Dissipation
PI
-
70
mW
Collector Current
IC
-
50
mA
Collector-Emitter Voltage
VCEO
-
70
V
Emitter-Collector Voltage
VECO
-
6
V
Isolation Voltage (AC for min, R.H. 40~60%)
VISO
-
5000
VRMS
Collector Power Dissipation
PC
-
50
mW
Total Power Dissipation
PTOT
-
00
mW
Lead Solder Temperature
60°C for 0 sec., .6 mm below seating plane
Electrical Specifications (DC)
Overrecommendedoperatingconditionsunlessotherwisespecified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note
Forward Voltage
VF
-
.
.4
V
IF = ±0mA
Terminal Capacitance
Ct
50
50
pF
V = 0, f = KHz
Collector Dark Current
ICEO
-
00
nA
VCE = 0V, IF = 0 mA
Collector-Emitter Breakdown Voltage
BVCEO
70
-
-
V
IC = 0. mA, IF = 0 mA
Emitter-Collector Breakdown Voltage
BVECO
6
-
-
V
IE = 0 mA, IF = 0 mA
Collector Current
IC
0.
-
3
mA
IF = ±mA,VCE = 5V
CTR=(IC/IF )* 00%
Current Transfer Ratio
CTR
0
-
300
%
Collector-Emitter Saturation Voltage
VCE(sat)
-
0.
0.
V
IF = ± 0 mA, IC = mA
Isolation Resistance
RISO
5x00
x0
-
W
DC500V, R.H. 40~60%
Floating Capacitance
CF
-
0.6

pF
V = 0, f = MHz
Cut-off Frequency (-3dB)
FC
5
80
-
KHz
VCE = 5V, IC =  mA, RL = 00W
See fig 3
Response Time (Rise)
tr
-
4
8
ms
VCE = V, IC =  mA, RL = 00W
See fig 
Response Time (Fall)
tf
-
3
8
ms
Solder Reflow Temperature Profile
1. One-timesolderingreflowisrecommendedwithinthe
condition of temperature and time profile shown at
right.
2. Whenusinganothersolderingmethodsuchasinfrared
raylamp,thetemperaturemayrisepartiallyinthemold
ofthedevice.Keepthetemperatureonthepackageof
thedevicewithintheconditionof(1)above.
Note:Non-halidefluxshouldbeused
30seconds
60~150sec
90sec
60sec
60sec
25
°C
150
°C
200
°C
250
°C
260
°C(PeakTemperature)
217
°C
Time(sec)


Similar Part No. - ACPL-844-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-844 AVAGO-ACPL-844 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
More results

Similar Description - ACPL-844-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-8X7 BOARDCOM-ACPL-8X7 Datasheet
800Kb / 12P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-847-36GE AVAGO-ACPL-847-36GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-00GE AVAGO-ACPL-847-00GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-8X4 AVAGO-ACPL-8X4 Datasheet
308Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-847-30GE AVAGO-ACPL-847-30GE Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler
ACPL-827 AVAGO-ACPL-827 Datasheet
476Kb / 9P
   Multi-Channel Full-Pitch Phototransistor Optocoupler Sequence controllers
logo
Siemens Semiconductor G...
ILD621 SIEMENS-ILD621 Datasheet
78Kb / 4P
   MULTI-CHANNEL PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-244-560E AVAGO-ACPL-244-560E Datasheet
179Kb / 8P
   AC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-500E AVAGO-ACPL-227-500E Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
ACPL-227-50BE AVAGO-ACPL-227-50BE Datasheet
181Kb / 8P
   DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com