Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-796J-560E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-796J-560E
Description  Optically Isolated Sigma-Delta Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-796J-560E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-796J-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-560E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Product Overview
Description
The ACPL-796J isolated sigma-delta (
¦') modulator
converts an analog input signal into a high-speed (up
to 20 MHz) single-bit data stream by means of a sigma-
delta over-sampling modulator. The time average of the
modulator data is directly proportional to the input signal
voltage. The modulator uses external clock ranges from 5
MHz to 20 MHz that is coupled across the isolation barrier.
This arrangement allows synchronous operation of data
acquisition to any digital controller, and adjustable clock
for speed requirements of the application. The modulator
data are encoded and transmitted across the isolation
boundary where they are recovered and decoded into
high-speed data stream of digital ones and zeros. The
original signal information is represented by the density
of ones in the data output.
The other main function of the modulator (optocoupler)
is to provide galvanic isolation between the analog signal
input and the digital data output. It provides high noise
margins and excellent immunity against isolation-mode
transients that allows direct measurement of low-level
signals in highly noisy environments, for example mea-
surement of moor phase currents in power inverters.
With 0.5 mm minimum DTI, the ACPL-796J provides reliable
double protection and high working insulation voltage,
which is suitable for fail-safe designs. This outstanding
isolation performance is superior to alternatives including
devices based on capacitive- or magnetic-coupling with
DTI in micro-meter range. Offered in an SO-16 package,
the isolated ADC delivers the reliability, small size, superior
isolation and over-temperature performance motor drive
designers need to accurately measure current at much
lower price compared to traditional current transducers.
Analog Input
The differential analog inputs of the ACPL-796J are im-
plemented with a fully-differential, switched-capacitor
circuit. The ACPL-796J accepts signal of ±200 mV (full scale
±320 mV), which is ideal for direct connection to shunt
based current sensing or other low-level signal sources
applications such as motor phase current measurement.
An internal voltage reference determines the full-scale
analog input range of the modulator (±320 mV); an input
range of ±200 mV is recommended to achieve optimal
performance. Users are able to use higher input range,
for example ±250 mV, as long as within full-scale range,
for purpose of over-current or overload detection. Figure
13 shows the simplified equivalent circuit of the analog
input.
Figure 13. Analog input equivalent circuit.
In the typical application circuit (Figure 18), the ACPL-796J
is connected in a single-ended input mode. Given the
fully differential input structure, a differential input con-
nection method (balanced input mode as shown in Figure
14) is recommended to achieve better performance. The
input currents created by the switching actions on both of
the pins are balanced on the filter resistors and cancelled
out each other. Any noise induced on one pin will be
coupled to the other pin by the capacitor C and creates
only common mode noise which is rejected by the device.
Typical value for Ra and Rb is 22
: and 10 nF for C.
Figure 14. Simplified differential input connection diagram.
200
: (TYP)
3 pF (TYP)
3 pF (TYP)
fSWITCH
= MCLKIN
VIN+
VIN
200
: (TYP)
1.5 pF
1.5 pF
COMMON MODE
VOLTAGE
fSWITCH
= MCLKIN
ANALOG
GROUND
VIN+
VIN
ACPL-796J
VDD1
GND1
5 V
+Analog Input
Ra
Rb
C
–Analog Input


Similar Part No. - ACPL-796J-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J AVAGO-ACPL-796J Datasheet
305Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results

Similar Description - ACPL-796J-560E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com