Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT1300-FW Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # RLT1300-FW
Description  Infrared Laser Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT1300-FW Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  RLT1300-FW Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLT1300-FW Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
07.10.2011
RLT1300-FW
2 of 2
Electrical Connection
TO18 Package (Buttom View)
Pin 1: PD Cathode
Pin 2: n.c.
Pin 3: LD Cathode
Pin 4: LD Anode, PD Anode
Notes
1. High power laser diodes are high energy laser devices. It is harmful to human body and
health. Never look directly into the laser output port.
2. High power laser diodes could operate in forward voltage. The reverse current and
voltage should not be higher than 25µA and 3V, respectively.
3. Heavy humidity can get dew on the LD then damage the LD.
4. The generated heat must be removed in time when the LD working.
5. The high temperature will effect the performance of the products. The lifetime can also be
shortened by high temperature.
6. The operating current and optical power of laser must not be higher than the given rate
current and power. The excessive current would accelerate aging and shorten lifetime,
even damage the LD.
7. The semiconductor laser diode is a sensitive electronic device. Please observe precaution
for handling electrostatitic sensitive devices.


Similar Part No. - RLT1300-FW

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RLT1300-10G SAMTEC-RLT1300-10G Datasheet
107Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT1300-10G ROITHNER-RLT1300-10G Datasheet
107Kb / 2P
   high power infrared laser diode
logo
Samtec, Inc
RLT1300-20G SAMTEC-RLT1300-20G Datasheet
107Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
logo
Samtec, Inc
RLT1300-30G SAMTEC-RLT1300-30G Datasheet
107Kb / 2P
   High Power Infrared Laser Diode
More results

Similar Description - RLT1300-FW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
   Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
   Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
   Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
   Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
   Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
   infrared diode laser
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
   Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
   Infrared Laser Diode
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
   INFRARED LASER DIODE
logo
Roithner LaserTechnik G...
RLT830-200MGS ROITHNER-RLT830-200MGS Datasheet
422Kb / 2P
   Infrared Laser Diode
RLT1064-100GS ROITHNER-RLT1064-100GS Datasheet
449Kb / 2P
   Infrared Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com