Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-223 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SOT-223
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SOT-223 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SOT-223 Datasheet HTML 2Page - Silicon Laboratories SOT-223 Datasheet HTML 3Page - Silicon Laboratories SOT-223 Datasheet HTML 4Page - Silicon Laboratories SOT-223 Datasheet HTML 5Page - Silicon Laboratories SOT-223 Datasheet HTML 6Page - Silicon Laboratories SOT-223 Datasheet HTML 7Page - Silicon Laboratories SOT-223 Datasheet HTML 8Page - Silicon Laboratories SOT-223 Datasheet HTML 9Page - Silicon Laboratories SOT-223 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Si3226/7
Si3208/9
6
Preliminary Rev. 0.33
Table 4. AC Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
2.5
VPK
Overload Compression
2-Wire – PCM
Figure 6
Single Frequency Distortion1
2-Wire – PCM or PCM – 2-Wire:
200Hz to 3.4kHz
——
–65
dB
PCM – 2-Wire – PCM:
200 Hz – 3.4 kHz,
16-bit Linear mode
——
–65
dB
Signal-to-(Noise + Distortion)
Ratio2
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT, any ZT
Figure 5
Audio Tone Generator Signal-to-
Distortion Ratio2
0 dBm0, Active off-hook, and
OHT, any ZT
46
dB
Intermodulation Distortion
–41
dB
Gain Accuracy2
2-Wire to PCM or PCM to 2-Wire
1014 Hz, Any gain setting
VDD1 –VDD4 = 3.3 V ± 5%
–0.2
0.2
dB
Attenuation Distortion vs. Freq.
0 dBm 0
See AN317
Group Delay vs. Frequency
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
Signal level:
——
3 dB to –37 dB
0.25
dB
–37 dB to –50 dB
0.5
dB
–50 dB to –60 dB
1.0
dB
Round-Trip Group Delay
1014 Hz, Within same time-slot
450
500
µs
Crosstalk between channels
TX or RX to TX
TX or RX to RX
0dBm0,
300Hz to 3.4kHz
300Hz to 3.4kHz
–75
–75
dB
dB
2-Wire Return Loss4
200Hz to 3.4kHz
26
30
dB
Transhybrid Balance4
300Hz to 3.4kHz
26
30
dB
Noise Performance
Idle Channel Noise5
C-Message weighted
8
12
dBrnC
Psophometric weighted
–80
–78
dBmP
PSRR from VDD1–VDD4
RX and TX, dc to 3.4 kHz
40
dB
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD1–VDD4 = 3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 Ω, ZS =600 Ω synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.


Similar Part No. - SOT-223

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SOT-223 BOURNS-SOT-223 Datasheet
150Kb / 5P
   4-Pin Plastic Small Outline Surface Mount
logo
Continental Device Indi...
SOT-223 CDIL-SOT-223 Datasheet
145Kb / 4P
   SOT-223 (4 Leads) SMD Plastic Package
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
37Kb / 1P
   Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
YENYO TECHNOLOGY Co., L...
SOT-223 YENYO-SOT-223 Datasheet
288Kb / 1P
   Dimensions in inches and
logo
Analog Microelectronics
SOT-223 AME-SOT-223 Datasheet
81Kb / 1P
   A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84
More results

Similar Description - SOT-223

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com