Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR74 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CDR74
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CDR74 Datasheet(HTML) 1 Page - Silicon Laboratories

  CDR74 Datasheet HTML 1Page - Silicon Laboratories CDR74 Datasheet HTML 2Page - Silicon Laboratories CDR74 Datasheet HTML 3Page - Silicon Laboratories CDR74 Datasheet HTML 4Page - Silicon Laboratories CDR74 Datasheet HTML 5Page - Silicon Laboratories CDR74 Datasheet HTML 6Page - Silicon Laboratories CDR74 Datasheet HTML 7Page - Silicon Laboratories CDR74 Datasheet HTML 8Page - Silicon Laboratories CDR74 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Preliminary Rev. 0.33 6/07
Copyright © 2007 by Silicon Laboratories
Si3226/7 Si3208/9
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si3226/7
Si3208/9
DUAL PROSLIC® WITH DC-DC CONTROLLER
Features
Applications
Description
The Dual ProSLIC® is a family of low-voltage CMOS devices that integrate both
SLIC and CODEC functionality into a single IC. In combination with a linefeed IC
(LFIC), they provide a complete two-channel analog telephone interface in
accordance with all relevant LSSGR, ITU, and ETSI specifications. The Dual
ProSLIC devices (Si3226/7) operate from a single 3.3 V supply and interface to
standard PCM/SPI or GCI bus digital interfaces. The LFICs (Si3208/9) perform all
high-voltage functions and operate from a 3.3 V supply as well as high-voltage
battery supplies. The Si3208 is rated for –110 V, and the Si3209 is rated for –
135 V. The Dual ProSLIC devices are available in a 64-pin thin quad flat package
(TQFP), and the LFICs are available in a 40-pin, quad flat no-lead package
(QFN).
Functional Block Diagram
Performs all BORSCHT functions
Ideal for short- or long-loop applications
Internal balanced or unbalanced ringing
Low power consumption
Software-programmable parameters:
Ringing frequency, amplitude,
cadence, and waveshape
Two-wire ac impedance
Transhybrid balance
DC current loop feed (10–45 mA)
Loop closure and ring trip thresholds
Ground key detect threshold
Integrated dc-dc controller
Wideband CODEC (Si3227)
Low-power sleep mode
On-hook transmission
Loop or ground start operation
Smooth polarity reversal
DTMF generator/decoder
A-Law/µ-Law companding,
linear PCM
PCM and SPI bus digital interfaces
with programmable interrupts
GCI/IOM-2 mode support
3.3 V operation
GR-909 loop diagnostics
Audio diagnostics with loopback
Pb-free/RoHS-compliant packaging
Customer Premises Equipment (CPE)
Optical Network Terminals (ONT)
Private Branch Exchange (PBX)
Cable EMTAs, ATAs, VoIP
Gateways
RING
TIP
RING
TIP
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
Channel 1
Channel 2
DC-DC Controller
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
Si3226
Si3206
DC-DC BOM
VDC
VBAT
RING
TIP
RING
TIP
SPI
Control
Interface
PCM/
GCI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
SLIC
Linefeed
Control
Linefeed
Monitor
Channel 1
Channel 2
DC-DC Controllers
Line Diagnostics
PLL
PCLK
FSYNC
DRX
DTX
CS
SDI
SDO
SCLK
INT
RST
Si3226/7
DC-DC BOM
VDC
VBAT
Si3208/9
Patents pending
Ordering Information
See page 33.


Similar Part No. - CDR74

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR74 SUMIDA-CDR74 Datasheet
235Kb / 3P
   POWER INDUCTORS
CDR74B SUMIDA-CDR74B Datasheet
434Kb / 4P
   CDR74B
logo
ECM Electronics Limited...
CDR74B ECM-CDR74B Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDR74B SUMIDA-CDR74B Datasheet
235Kb / 3P
   POWER INDUCTORS
logo
AIT Components Ltd.
CDR74B AITCOMPONENTS-CDR74B Datasheet
31Kb / 1P
   CDR74B SMD POWER INDUCTOR
More results

Similar Description - CDR74

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com