Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3226 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI3226
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3226 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI3226 Datasheet HTML 7Page - Silicon Laboratories SI3226 Datasheet HTML 8Page - Silicon Laboratories SI3226 Datasheet HTML 9Page - Silicon Laboratories SI3226 Datasheet HTML 10Page - Silicon Laboratories SI3226 Datasheet HTML 11Page - Silicon Laboratories SI3226 Datasheet HTML 12Page - Silicon Laboratories SI3226 Datasheet HTML 13Page - Silicon Laboratories SI3226 Datasheet HTML 14Page - Silicon Laboratories SI3226 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Si3226/7
Si3208/9
Preliminary Rev. 0.33
11
Figure 1. SPI Timing Diagram
Table 10. Switching Characteristics—SPI
(VDDA = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20pF)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Cycle Time SCLK
tc
62
ns
Rise Time, SCLK
tr
25
ns
Fall Time, SCLK
tf
25
ns
Delay Time, SCLK Fall to SDO Active
td1
20
ns
Delay Time, SCLK Fall to SDO
Transition
td2
20
ns
Delay Time, CS Rise to SDO Tri-state
td3
20
ns
Setup Time, CS to SCLK Fall
tsu1
25
ns
Hold Time, CS to SCLK Rise
th1
20
ns
Setup Time, SDI to SCLK Rise
tsu2
25
ns
Hold Time, SDI to SCLK Rise
th2
20
ns
Delay Time between Chip Selects
tcs
220
ns
SDI to SDITHRU Propagation Delay
td4
4
10
ns
Note: All timing is referenced to the 50% level of the waveform. Input test levels are VIH =VDDD –0.4 V, VIL =0.4 V
SCLK
CS
SDI
th1
td3
SDO
td1
td2
tsu1
tr
tf
tsu2
th2
tcs
tc
SDITHRU
td4


Similar Part No. - SI3226

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3226 SILABS-SI3226 Datasheet
208Kb / 2P
   Dual ProSLIC짰 with DC-DC Controller
SI32260 SILABS-SI32260 Datasheet
102Kb / 3P
   Single-Chip Dual ProSLIC
logo
Skyworks Solutions Inc.
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
logo
Silicon Laboratories
Si32260-C-FM SILABS-Si32260-C-FM Datasheet
102Kb / 3P
   Single-Chip Dual ProSLIC
Si32260-C-FM SILABS-Si32260-C-FM Datasheet
41Kb / 2P
   Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
More results

Similar Description - SI3226

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com