Electronic Components Datasheet Search |
|
NTS0102DP-Q100 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
NTS0102DP-Q100 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 21 page NTS0102-Q100 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 27 February 2013 9 of 21 NXP Semiconductors NTS0102-Q100 Dual supply translating transceiver; open drain; auto direction sensing Table 11. Dynamic characteristics for temperature range 40 C to +125 C[1] Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6; for wave forms see Figure 4 and Figure 5. Symbol Parameter Conditions VCC(B) Unit 2.5 V 0.2 V 3.3 V 0.3 V 5.0 V 0.5 V Min Max Min Max Min Max VCC(A) = 1.8 V 0.15 V tPHL HIGH to LOW propagation delay A to B - 5.8 - 5.9 - 7.3 ns tPLH LOW to HIGH propagation delay A to B - 8.5 - 8.5 - 8.8 ns tPHL HIGH to LOW propagation delay B to A - 5.5 - 5.7 - 5.9 ns tPLH LOW to HIGH propagation delay B to A - 6.7 - 5.7 - 0.7 ns ten enable time OE to A; B - 200 - 200 - 200 ns tdis disable time OE to A; no external load [2] -30 - 30 - 30 ns OE to B; no external load [2] -30 - 30 - 30 ns OE to A - 250 - 250 - 250 ns OE to B - 220 - 220 - 220 ns tTLH LOW to HIGH output transition time A port 3.2 11.9 2.3 11.7 1.8 9.5 ns B port 3.3 13.5 2.7 11.4 2.7 9.5 ns tTHL HIGH to LOW output transition time A port 2.0 7.4 1.9 7.5 1.7 16.7 ns B port 2.9 9.5 2.8 9.4 2.8 12.5 ns tsk(o) output skew time between channels [3] - 0.8 - 0.8 - 0.8 ns tW pulse width data inputs 20 - 20 - 20 - ns fdata data rate - 50 - 50 - 50 Mbps VCC(A) = 2.5 V 0.2 V tPHL HIGH to LOW propagation delay A to B - 4.0 - 4.2 - 4.3 ns tPLH LOW to HIGH propagation delay A to B - 4.4 - 5.2 - 5.5 ns tPHL HIGH to LOW propagation delay B to A - 3.8 - 4.5 - 5.4 ns tPLH LOW to HIGH propagation delay B to A - 3.2 - 2.0 - 0.9 ns ten enable time OE to A; B - 200 - 200 - 200 ns tdis disable time OE to A; no external load [2] -25 - 25 - 25 ns OE to B; no external load [2] -25 - 25 - 25 ns OE to A - 220 - 220 - 220 ns OE to B - 220 - 220 - 220 ns tTLH LOW to HIGH output transition time A port 2.8 9.3 2.6 8.3 1.8 7.8 ns B port 3.2 10.4 2.9 9.7 2.4 8.3 ns |
Similar Part No. - NTS0102DP-Q100 |
|
Similar Description - NTS0102DP-Q100 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |