Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP50A-M389A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSP50A-M389A
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP50A-M389A Datasheet(HTML) 2 Page - Vishay Siliconix

  MSP50A-M389A Datasheet HTML 1Page - Vishay Siliconix MSP50A-M389A Datasheet HTML 2Page - Vishay Siliconix MSP50A-M389A Datasheet HTML 3Page - Vishay Siliconix MSP50A-M389A Datasheet HTML 4Page - Vishay Siliconix MSP50A-M389A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
MSP5.0A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88487
Revision: 16-Jun-09
2
Notes
(1) Pulse test: t
p ≤ 50 ms
(2) Surge current waveform per Fig. 1 and derate per Fig. 2
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 6.0 mm x 6.0 mm copper pad areas. RθJL is measured
at the terminal of cathode band.
Notes
(1) Immunity to IEC-61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
CLAMPING
VOLTAGE (2)
VC (V) AT IPPM (A)
10/1000 µs
MAXIMUM
CLAMPING
VOLTAGE (2)
VC (V) AT IPPM (A)
8/20 µs
MIN.
MAX.
MSP5.0A
AE
6.40
7.07
10
5.0
100
9.2
10.9
14.5
57
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance (1)
RθJA
RθJL
125
30
°C/W
IMMUNITY TO STATIC ELECTRICAL DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body model (contact mode)
C = 100 pF, R = 1.5 k
Ω
VC
H3B
> 8 kV
IEC-61000-4-2 (2)
Human body model (air discharge mode) (1)
C = 150 pF, R = 150
Ω
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSP5.0A-E3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSP5.0AHE3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel
MSP5.0A-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSP5.0AHM3/89A (1)
0.006
89A
4500
7" diameter plastic tape and reel


Similar Part No. - MSP50A-M389A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP50A VISHAY-MSP50A Datasheet
788Kb / 5P
   Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - MSP50A-M389A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com