Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC1441 Datasheet(PDF) 7 Page - Altera Corporation

Part # EPC1441
Description  Configuration Devices for SRAM-Based
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC1441 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EPC1441 Datasheet HTML 3Page - Altera Corporation EPC1441 Datasheet HTML 4Page - Altera Corporation EPC1441 Datasheet HTML 5Page - Altera Corporation EPC1441 Datasheet HTML 6Page - Altera Corporation EPC1441 Datasheet HTML 7Page - Altera Corporation EPC1441 Datasheet HTML 8Page - Altera Corporation EPC1441 Datasheet HTML 9Page - Altera Corporation EPC1441 Datasheet HTML 10Page - Altera Corporation EPC1441 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Device Configuration
Page 7
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
The EPC2 device’s OE and nCS pins have internal programmable pull-up resistors. If
you use internal pull-up resistors, do not use external pull-up resistors on these pins.
The internal pull-up resistors are set by default in the Quartus II software. To turn off
the internal pull-up resistors, check the Disable nCS and OE pull-ups on
configuration device
option when you generate programming files.
The configuration device’s OE and nCS pins control the tri-state buffer on its DATA
output pin and enable the address counter and oscillator. When the OE pin is driven
low, the configuration device resets the address counter and tri-states its DATA pin. The
nCS
pin controls the DATA output of the configuration device. If the nCS pin is held high
after the OE reset pulse, the counter is disabled and the DATA output pin is tri-stated. If
the nCS pin is driven low after the OE reset pulse, the counter and DATA output pin are
enabled. When OE is driven low again, the address counter is reset and the DATA
output pin is tri-stated, regardless of the state of the nCS pin.
If the FPGA’s configuration data exceeds the capacity of a single EPC1 or EPC2
configuration device, you can cascade multiple EPC1 or EPC2 devices together. If
multiple EPC1 or EPC2 devices are required, the nCASC and nCS pins provide
handshaking between the configuration devices.
1 EPC1441 and EPC1064/EPC1064V devices cannot be cascaded.
When configuring ACEX 1K, APEX 20K, APEX II, Arria GX, Cyclone, Cyclone II,
FLEX 10K, Mercury, Stratix, Stratix GX, Stratix II, and Stratix II GX devices with
cascaded EPC1 or EPC2 devices, the position of the EPC1 or EPC2 device in the chain
determines its mode of operation. The first configuration device in the chain is the
master, while subsequent configuration devices are slaves. The nINIT_CONF pin of the
EPC2 master device can be connected to the nCONFIG pin of the FPGAs, which allows
the INIT_CONF JTAG instruction to begin FPGA configuration. The nCS pin of the
master configuration device is connected to the CONF_DONE pin of the FPGAs, while its
nCASC
pin is connected to the nCS pin of the next slave configuration device in the
chain. Additional EPC1 or EPC2 devices can be chained together by connecting the
nCASC
pin to the nCS pin of the next EPC1 or EPC2 slave device in the chain. The last
device’s nCS input comes from the previous device, while its nCASC pin is left floating.
All other configuration pins, DCLK, DATA, and OE, are connected to every device in the
chain.
f For more information about configuration interface connections, including pull-up
resistor values, supply voltages, and MSEL pin setting, refer to the configuration
chapter in the appropriate device handbook.


Similar Part No. - EPC1441

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC1441 ETC1-EPC1441 Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441 ALTERA-EPC1441 Datasheet
467Kb / 36P
   SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1441 ALTERA-EPC1441 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
More results

Similar Description - EPC1441

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
logo
List of Unclassifed Man...
EPC1064V ETC1-EPC1064V Datasheet
539Kb / 36P
   Configuration Devices for SRAM-Based LUT Devices
logo
Altera Corporation
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
   Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com