Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM88C29 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM88C29
Description  Quad Single-Ended Line Driver . Dual Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM88C29 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM88C29 Datasheet HTML 1Page - Fairchild Semiconductor MM88C29 Datasheet HTML 2Page - Fairchild Semiconductor MM88C29 Datasheet HTML 3Page - Fairchild Semiconductor MM88C29 Datasheet HTML 4Page - Fairchild Semiconductor MM88C29 Datasheet HTML 5Page - Fairchild Semiconductor MM88C29 Datasheet HTML 6Page - Fairchild Semiconductor MM88C29 Datasheet HTML 7Page - Fairchild Semiconductor MM88C29 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
DS005908
www.fairchildsemi.com
October 1987
Revised June 2001
MM88C29 • MM88C30
Quad Single-Ended Line Driver •
Dual Differential Line Driver
General Description
The MM88C30 is a dual differential line driver that also per-
forms the dual four-input NAND or dual four-input AND
function. The absence of a clamp diode to VCC in the input
protection circuitry of the MM88C30 allows a CMOS user to
interface systems operating at different voltage levels.
Thus, a CMOS digital signal source can operate at a VCC
voltage greater than the VCC voltage of the MM88C30 line
driver. The differential output of the MM88C30 eliminates
ground-loop errors.
The MM88C29 is a non-inverting single-wire transmission
line driver. Since the output ON resistance is a low 20
typ., the device can be used to drive lamps, relays, sole-
noids, and clock lines, besides driving data lines.
Features
s Wide supply voltage range:
3V to 15V
s High noise immunity: 0.45 VCC (typ.)
s Low output ON resistance: 20
Ω (typ.)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP
MM88C29
Top View
Pin Assignments for DIP and SOIC
MM88C30
Top View
Order Number
Package Number
Package Description
MM88C29N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM88C30M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM88C30N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM88C29

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM88C29J NSC-MM88C29J Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
MM88C29M NSC-MM88C29M Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
MM88C29N NSC-MM88C29N Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
More results

Similar Description - MM88C29

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
Motorola, Inc
MC3481 MOTOROLA-MC3481 Datasheet
246Kb / 5P
   QUAD SINGLE ENDED LINE DRIVER
logo
IC-Haus GmbH
ET7272 ICHAUS-ET7272 Datasheet
52Kb / 3P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD7 ICHAUS-IC-HD7 Datasheet
253Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2 Datasheet
262Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
IC-HD2 ICHAUS-IC-HD2_14 Datasheet
247Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
STMicroelectronics
TDA7237 STMICROELECTRONICS-TDA7237 Datasheet
78Kb / 5P
   QUAD DIFFERENTIAL LINE DRIVER
logo
IC-Haus GmbH
IC-HD7 ICHAUS-IC-HD7_14 Datasheet
239Kb / 8P
   QUAD DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com