Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCU04SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HCU04SJ
Description  Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCU04SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HCU04SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HCU04SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HCU04SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HCU04SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HCU04SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HCU04SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.7
1.7
1.7
V
Input Voltage
4.5V
3.6
3.6
3.6
V
6.0V
4.8
4.8
4.8
V
VIL
Maximum LOW Level
2.0V
0.3
0.3
0.3
V
Input Voltage
4.5V
0.8
0.8
0.8
V
6.0V
1.1
1.1
1.1
V
VOH
Minimum HIGH Level
VIN = VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.8
1.8
1.8
V
4.5V
4.5
4.0
4.0
4.0
V
6.0V
6.0
5.5
5.5
5.5
V
VIN = GND
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.2
0.2
0.2
V
4.5V
0
0.5
0.5
0.5
V
6.0V
0
0.5
0.5
0.5
V
VIN = VCC
|IOUT| ≤ 6.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 7.8 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
2.0
20
40
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HCU04SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCU04SJ FAIRCHILD-MM74HCU04SJ Datasheet
87Kb / 7P
   Hex Inverter
logo
ON Semiconductor
MM74HCU04SJ ONSEMI-MM74HCU04SJ Datasheet
267Kb / 9P
   Hex Inverter
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
MM74HCU04SJX FAIRCHILD-MM74HCU04SJX Datasheet
87Kb / 7P
   Hex Inverter
More results

Similar Description - MM74HCU04SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com