Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CGX15 Datasheet(PDF) 7 Page - Altera Corporation

Part # EP4CGX15
Description  1. Cyclone IV Device Datasheet
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CGX15 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP4CGX15 Datasheet HTML 3Page - Altera Corporation EP4CGX15 Datasheet HTML 4Page - Altera Corporation EP4CGX15 Datasheet HTML 5Page - Altera Corporation EP4CGX15 Datasheet HTML 6Page - Altera Corporation EP4CGX15 Datasheet HTML 7Page - Altera Corporation EP4CGX15 Datasheet HTML 8Page - Altera Corporation EP4CGX15 Datasheet HTML 9Page - Altera Corporation EP4CGX15 Datasheet HTML 10Page - Altera Corporation EP4CGX15 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–7
Operating Conditions
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
DC Characteristics
This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT)
tolerance, and bus hold specifications for Cyclone IV devices.
Supply Current
The device supply current requirement is the minimum current drawn from the
power supply pins that can be used as a reference for power size planning. Use the
Excel-based early power estimator (EPE) to get the supply current estimates for your
design because these currents vary greatly with the resources used. Table 1–6 lists the
I/O pin leakage current for Cyclone IV devices.
Bus Hold
The bus hold retains the last valid logic state after the source driving it either enters
the high impedance state or is removed. Each I/O pin has an option to enable bus
hold in user mode. Bus hold is always disabled in configuration mode.
Table 1–7 lists bus hold specifications for Cyclone IV devices.
Table 1–6. I/O Pin Leakage Current for Cyclone IV Devices (1), (2)
Symbol
Parameter
Conditions
Device
Min
Typ
Max
Unit
II
Input pin leakage current
VI = 0 V to VCCIOMAX
—–10
10
A
IOZ
Tristated I/O pin leakage
current
VO = 0 V to VCCIOMAX
—–10
10
A
Notes to Table 1–6:
(1) This value is specified for normal device operation. The value varies during device power
-up. This applies for all VCCIO settings (3.3, 3.0, 2.5,
1.8, 1.5, and 1.2 V).
(2) The 10
A I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be observed when the diode is on.
Table 1–7. Bus Hold Parameter for Cyclone IV Devices (Part 1 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus hold
low,
sustaining
current
VIN > VIL
(maximum)
8
12
30
50
70
70
A
Bus hold
high,
sustaining
current
VIN < VIL
(minimum)
–8
–12
–30
–50
–70
–70
A
Bus hold
low,
overdrive
current
0 V < VIN < VCCIO
125
175
—200
—300
—500
500
A
Bus hold
high,
overdrive
current
0 V < VIN < VCCIO
–125
–175
–200
–300
–500
–500
A


Similar Part No. - EP4CGX15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CGX15 ALTERA-EP4CGX15 Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX15 ALTERA-EP4CGX15 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CGX15 ALTERA-EP4CGX15 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX15 ALTERA-EP4CGX15 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX15 ALTERA-EP4CGX15 Datasheet
1Mb / 54P
   Cyclone IV Device Handbook
December 2016
More results

Similar Description - EP4CGX15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C6N ALTERA-EP4CE6F17C6N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
EP4CE6F17C8 ALTERA-EP4CE6F17C8 Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75DF27I7N ALTERA-EP4CGX75DF27I7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE6E22C8N ALTERA-EP4CE6E22C8N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CE115F23I7N ALTERA-EP4CE115F23I7N Datasheet
698Kb / 42P
   Cyclone IV Device Datasheet
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE75F23I7N ALTERA-EP4CE75F23I7N Datasheet
685Kb / 42P
   Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com