Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1SGX40DF1020I5N Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1SGX40DF1020I5N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I5N Datasheet(HTML) 4 Page - Altera Corporation

  EP1SGX40DF1020I5N Datasheet HTML 1Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 2Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 3Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 4Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 5Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 6Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 7Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 8Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 272 page
background image
1–2
Altera Corporation
Stratix GX Device Handbook, Volume 1
February 2005
Features
Pattern detector and word aligner supports programmable
patterns
8B/10B encoder/decoder performs 8- to 10-bit encoding and 10-
to 8-bit decoding
Rate matcher compliant with IEEE 802.3-2002 for GigE mode
and with IEEE 802-3ae for XAUI mode
Channel bonding compliant with IEEE 802.3ae (for XAUI mode
only)
Device can bypass some transceiver block features if necessary
FPGA features are as follows:
10,570 to 41,250 logic elements (LEs); see Table 1–1
Up to 3,423,744 RAM bits (427,968 bytes) available without
reducing logic resources
TriMatrixmemory consisting of three RAM block sizes to
implement true dual-port memory and first-in-out (FIFO)
buffers
Up to 16 global clock networks with up to 22 regional clock
networks per device region
High-speed DSP blocks provide dedicated implementation of
multipliers (faster than 300 MHz), multiply-accumulate
functions, and finite impulse response (FIR) filters
Up to eight general usage phase-locked loops (four enhanced
PLLs and four fast PLLs) per device provide spread spectrum,
programmable bandwidth, clock switchover, real-time PLL
reconfiguration, and advanced multiplication and phase
shifting
Support for numerous single-ended and differential I/O
standards
High-speed source-synchronous differential I/O support on up
to 45 channels for 1-Gbps performance
Support for source-synchronous bus standards, including
10-Gigabit Ethernet XSBI, Parallel RapidIO, UTOPIA IV,
Network Packet Streaming Interface (NPSI), HyperTransportTM
technology, SPI-4 Phase 2 (POS-PHY Level 4), and SFI-4
Support for high-speed external memory, including zero bus
turnaround (ZBT) SRAM, quad data rate (QDR and QDRII)
SRAM, double data rate (DDR) SDRAM, DDR fast cycle RAM
(FCRAM), and single data rate (SDR) SDRAM
Support for multiple intellectual property megafunctions from
Altera® MegaCore® functions and Altera Megafunction Partners
Program (AMPPSM) megafunctions
Support for remote configuration updates
Dynamic phase alignment on LVDS receiver channels


Similar Part No. - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com