Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT373N Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HCT373N
Description  3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT373N Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HCT373N Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT373N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
MM74HCT373: VCC = 5.0V, tr = tf = 6 ns TA = 25°C (unless otherwise specified)
AC Electrical Characteristics
MM74HCT373: VCC = 5.0V ± 10%, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2 f + ICC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay
CL = 45 pF
18
25
ns
Data to Output
tPHL, tPLH
Maximum Propagation Delay
CL = 45 pF
21
30
ns
Latch Enable to Output
tPZH, tPZL
Maximum Enable Propagation Delay
CL = 45 pF
20
28
ns
Control to Output
RL = 1 kΩ
tPHZ, tPLZ
Maximum Disable Propagation Delay
CL = 5 pF
18
25
ns
Control to Output
RL = 1 kΩ
tW
Minimum Clock Pulse Width
16
ns
tS
Minimum Setup Time Data to Clock
5
ns
tH
Minimum Hold Time Clock to Data
10
ns
Symbol
Parameter
Conditions
TA=25°CTA=−40 to 85°CTA=−55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
CL = 50 pF
22
30
37
45
ns
Delay Data to Output
CL = 150 pF
30
40
50
60
ns
tPHL, tPLH Maximum Propagation Delay
CL = 50 pF
25
35
44
53
ns
Latch Enable to Output
CL = 150 pF
32
45
56
68
ns
tPZH, tPZL Maximum Enable Propagation
CL = 50 pF
21
30
37
45
ns
Delay Control to Output
CL = 150 pF
30
40
50
60
ns
RL = 1 kΩ
tPHZ, tPLZ Maximum Disable Propagation
CL = 50 pF
21
30
37
45
ns
Delay Control to Output
RL = 1 kΩ
tTHL, tTLH Maximum Output Rise
CL = 50 pF
8
12
15
18
ns
and Fall Time
tW
Minimum Clock Pulse Width
16
20
24
ns
tS
Minimum Setup Time Data to Clock
5
6
8
ns
tH
Minimum Hold Time Clock to Data
10
13
20
ns
CIN
Maximum Input Capacitance
10
10
10
pF
COUT
Maximum Output Capacitance
20
20
20
pF
CPD
Power Dissipation Capacitance
OC
= V
CC
5pF
(Note 5)
OC
= GND
52
pF


Similar Part No. - MM74HCT373N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373N FAIRCHILD-MM74HCT373N Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT373N ONSEMI-MM74HCT373N Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
More results

Similar Description - MM74HCT373N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com