Electronic Components Datasheet Search |
|
SST39L800A-55-4C-B3QE Datasheet(PDF) 6 Page - Microchip Technology |
|
SST39L800A-55-4C-B3QE Datasheet(HTML) 6 Page - Microchip Technology |
6 / 37 page © 2011 Silicon Storage Technology, Inc. DS25001A 03/11 6 2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash SST39LF200A / SST39LF400A / SST39LF800A SST39VF200A / SST39VF400A / SST39VF800A Data Sheet A Microchip Technology Company Table 1: Pin Description Symbol Pin Name Functions AMS1-A0 1. AMS = Most significant address AMS =A16 for SST39LF/VF200A, A17 for SST39LF/VF400A, and A18 for SST39LF/VF800A Address Inputs To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. DQ15-DQ0 Data Input/output To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. CE# Chip Enable To activate the device when CE# is low. OE# Output Enable To gate the data output buffers. WE# Write Enable To control the Write operations. VDD Power Supply To provide power supply voltage: 3.0-3.6V for SST39LF200A/400A/800A 2.7-3.6V for SST39VF200A/400A/800A VSS Ground NC No Connection Unconnected pins. T1.2 25001 |
Similar Part No. - SST39L800A-55-4C-B3QE |
|
Similar Description - SST39L800A-55-4C-B3QE |