Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2902ECB713 Datasheet(PDF) 5 Page - Microchip Technology

Part # C2902ECB713
Description  Voltage Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

C2902ECB713 Datasheet(HTML) 5 Page - Microchip Technology

  C2902ECB713 Datasheet HTML 1Page - Microchip Technology C2902ECB713 Datasheet HTML 2Page - Microchip Technology C2902ECB713 Datasheet HTML 3Page - Microchip Technology C2902ECB713 Datasheet HTML 4Page - Microchip Technology C2902ECB713 Datasheet HTML 5Page - Microchip Technology C2902ECB713 Datasheet HTML 6Page - Microchip Technology C2902ECB713 Datasheet HTML 7Page - Microchip Technology C2902ECB713 Datasheet HTML 8Page - Microchip Technology C2902ECB713 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2001-2011 Microchip Technology Inc.
DS21434J-page 5
TC54
3.0
DETAILED DESCRIPTION
In normal steady-state operation when VIN >VDET –,
the output will be at a logic-high (see Figure 3-1). In the
case of the TC54VN, this is an open-drain condition. If
the input falls below VDET –, the output will pull down
(Logic 0) to VSS. Generally, VOUT can pull down to
within 0.5V of VSS at rated output current and input
voltage.
(See
Section 1.0
“Electrical
Characteristics”).
The output (VOUT) will stay valid until the input voltage
falls below the minimum operating voltage (VINMIN) of
0.7V. Below this minimum operating voltage, the output
is undefined. During power-up (or anytime VIN has
fallen below VINMIN), VOUT will remain undefined until
VIN rises above VINMIN. When this occurs, the output
will become valid. VOUT will be in its Active-low state,
while VINMIN <VIN <VDET+ (therefore, VDET+ = VDET
+ VHYST). If the input rises above VDET+, the output will
assume its Inactive state (high for TC54VC, open-drain
for TC54VN).
FIGURE 3-1:
Timing Diagram.
VIN
Detect Voltage VDET
Minimum Operating
Voltage
VHYST
VDET +
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUT


Similar Part No. - C2902ECB713

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C290 NJSEMI-C290 Datasheet
192Kb / 2P
   RMS Forward Current, On-State
logo
List of Unclassifed Man...
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Advanced Semiconductor
C2904 ASI-C2904 Datasheet
33Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
C290A NJSEMI-C290A Datasheet
192Kb / 2P
   RMS Forward Current, On-State
C290B NJSEMI-C290B Datasheet
192Kb / 2P
   RMS Forward Current, On-State
More results

Similar Description - C2902ECB713

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com