Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HCT245WM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HCT245WM
Description  Octal 3-STATE Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT245WM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HCT245WM Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT245WM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC 5.0V, tr tf 6 ns, TA
25
qC (unless otherwise specified)
AC Electrical Characteristics
VCC 5.0V r 10%, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load power consumption, PD CPD VCC2 f  ICCVCC, and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Output
CL 45 pF
16
20
ns
Propagation Delay
tPZL, tPZH
Maximum Output
CL 45 pF
29
40
ns
Enable Time
RL 1 k:
tPLZ, tPHZ
Maximum Output
CL 5 pF
20
25
ns
Disable Time
RL 1 k:
Symbol
Parameter
Conditions
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Output
CL 50 pF
17
23
29
34
ns
Propagation Delay
CL 150 pF
24
30
38
45
ns
tPZL
Maximum Output
RL 1 k:
31
42
53
63
ns
Enable Time
CL 50 pF
tPZH
Maximum Output
RL 1 k:
23
33
41
49
ns
Enable Time
CL 50 pF
tPHZ, tPLZ
Maximum Output
RL 1 k:
21
30
38
45
ns
Disable Time
CL 50 pF
tTHL, tTLH
Maximum Output
CL 50 pF
8
12
15
18
ns
Rise and Fall Time
CIN
Maximum Input
10
15
15
15
pF
Capacitance
COUT
Maximum Output/Input
20
25
25
25
pF
Capacitance
CPD
Power Dissipation
G
VCC (Note 5)
7
pF
Capacitance
G
GND
100
pF


Similar Part No. - MM74HCT245WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT245WM FAIRCHILD-MM74HCT245WM Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
logo
ON Semiconductor
MM74HCT245WM ONSEMI-MM74HCT245WM Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
More results

Similar Description - MM74HCT245WM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC245A ONSEMI-MM74HC245A Datasheet
212Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
Nexperia B.V. All right...
74F245 NEXPERIA-74F245 Datasheet
213Kb / 11P
   Octal transceiver (3-State)
November 15, 1994
logo
Fairchild Semiconductor
DM74ALS5245 FAIRCHILD-DM74ALS5245 Datasheet
78Kb / 7P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F245 PHILIPS-74F245 Datasheet
91Kb / 10P
   Octal transceiver 3-State
1994 Nov 15
logo
ON Semiconductor
MM74HCT245 ONSEMI-MM74HCT245 Datasheet
213Kb / 10P
   Octal 3-STATE Transceiver
Revised May 2005
logo
NXP Semiconductors
74ALS245A PHILIPS-74ALS245A Datasheet
116Kb / 10P
   Octal transceiver 3-State
1991 Jun 03
logo
Fairchild Semiconductor
MM74HCT245 FAIRCHILD-MM74HCT245 Datasheet
107Kb / 8P
   Octal 3-STATE Transceiver
MM74HC245A FAIRCHILD-MM74HC245A Datasheet
94Kb / 8P
   Octal 3-STATE Transceiver
logo
NXP Semiconductors
74F1245 PHILIPS-74F1245 Datasheet
86Kb / 10P
   Octal transceiver 3-State
1995 Mar 01
74ALS645A PHILIPS-74ALS645A Datasheet
79Kb / 8P
   Octal transceiver 3-State
1991 Jun 03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com