Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B64290P0061X046 Datasheet(PDF) 11 Page - EPCOS

Part # B64290P0061X046
Description  Ferrites and accessories
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290P0061X046 Datasheet(HTML) 11 Page - EPCOS

Back Button B64290P0061X046 Datasheet HTML 7Page - EPCOS B64290P0061X046 Datasheet HTML 8Page - EPCOS B64290P0061X046 Datasheet HTML 9Page - EPCOS B64290P0061X046 Datasheet HTML 10Page - EPCOS B64290P0061X046 Datasheet HTML 11Page - EPCOS B64290P0061X046 Datasheet HTML 12Page - EPCOS B64290P0061X046 Datasheet HTML 13Page - EPCOS B64290P0061X046 Datasheet HTML 14Page - EPCOS B64290P0061X046 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Epoxy coating
R 9.53
 4.75  3.17 (mm)
R 0.375
 0.187  0.125 (inch)
Dimensions
Characteristics and ordering codes
Epoxy coating
R 10.0
 6.00  4.00 (mm)
R 0.394
 0.236  0.157 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
9.53
0.19 4.75 0.12 3.17 0.15
0.375
0.007 0.187 0.005 0.125 0.006 uncoated1)
10.5 max.
3.8 min.
4.1 max.
0.413 max.
0.130 min.
0.161 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
970
25%
2200
B64290L0062X087
2.85
20.72
7.28
151
0.8
N30
1900
25%
4300
B64290L0062X830
T65
2050
30%
4600
B64290L0062X065
T35
2650
25%
6000
B64290L0062X035
T38
4410
30% 10000
B64290L0062X038
T46
6400
30% 15000
B64290L0062X046
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
10.0
0.2
6.0
0.15
4.00
0.15
0.394
0.008 0.236 0.006 0.157 0.006 uncoated1)
10.8 max.
5.25 min.
4.75 max.
0.433 max.
0.199 min.
0.195 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N49
610
25%
1500
B64290L0038X049
3.07
24.07
7.83
188
0.9
N87
900
25%
2200
B64290L0038X087
N30
1760
25%
4300
B64290L0038X830
T65
1900
30%
4700
B64290L0038X065
T35
2460
25%
6000
B64290L0038X035
T37
2660
25%
6500
B64290L0038X037
T38
4090
30% 10000
B64290L0038X038
T46
6000
30% 15000
B64290L0038X046
B64290L0062
B64290L0038
R 10.0
 6.00  4.00
R 9.53
 4.75  3.17


Similar Part No. - B64290P0061X046

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B64290P0061 TDK-B64290P0061 Datasheet
156Kb / 7P
   Ferrites and accessories
More results

Similar Description - B64290P0061X046

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com