Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500SAACMACFR Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 500SAACMACFR
Description  Quartz-free, MEMS-free, and pll-free all-silicon oscillator Any output frequencies from 0.9 to 200 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

500SAACMACFR Datasheet(HTML) 1 Page - Silicon Laboratories

  500SAACMACFR Datasheet HTML 1Page - Silicon Laboratories 500SAACMACFR Datasheet HTML 2Page - Silicon Laboratories 500SAACMACFR Datasheet HTML 3Page - Silicon Laboratories 500SAACMACFR Datasheet HTML 4Page - Silicon Laboratories 500SAACMACFR Datasheet HTML 5Page - Silicon Laboratories 500SAACMACFR Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 1.1 10/11
Copyright © 2011 by Silicon Laboratories
Si500S
Si500S
S INGLE-E NDED O UTPUT S ILICON O SCILLATOR
Features
Specifications
Quartz-free, MEMS-free, and PLL-free all-silicon oscillator
Any output frequencies from 0.9 to 200 MHz
Short lead times
Excellent temperature stability (±20 ppm)
Highly reliable startup and operation
High immunity to shock and vibration
Low jitter: <1.5 ps rms
0 to 85 °C operation includes 10-year aging in hot
environments
Footprint compatible with industry-
standard 3.2 x 5.0 mm XOs
CMOS and SSTL versions available
Driver stopped, tri-state, or powerdown
operation
RoHS compliant
1.8, 2.5, or 3.3 V options
Low power
More than 10x better fit rate than
competing crystal solutions
Parameters
Condition
Min
Typ
Max
Units
Frequency Range
0.9
200
MHz
Frequency Stability
Temperature stability,
0 to +70 °C
±10
ppm
Temperature stability,
0 to +85 °C
±20
ppm
Total stability,
0 to +70 °C operation1
±150
ppm
Total stability,
0 to +85 °C operation2
±250
ppm
Operating Temperature
Commercial
0
70
°C
Extended commercial
0
85
°C
Storage Temperature
–55
+125
°C
Supply Voltage
1.8 V option
1.71
1.98
V
2.5 V option
2.25
2.75
V
3.3 V option
2.97
3.63
V
Notes:
1. Inclusive of 25 °C initial frequency accuracy, operating temperature range, supply voltage change, output load change,
first-year aging at 25 °C, shock, vibration, and one solder reflow.
2. Inclusive of 25 °C initial frequency accuracy, operating temperature range, supply voltage change, output load change,
ten-year aging at 85 °C, shock, vibration, and one solder reflow.
3. See “AN409: Output Termination Options for the Si500S and Si500D Silicon Oscillators” for further details regarding
output clock termination recommendations.
4. VTT = .5 x VDD.
5. VTT = .45 x VDD.


Similar Part No. - 500SAACMACFR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500S012-E09B GLENAIR-500S012-E09B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09E GLENAIR-500S012-E09E Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09F GLENAIR-500S012-E09F Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E09H GLENAIR-500S012-E09H Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
500S012-E15B GLENAIR-500S012-E15B Datasheet
89Kb / 1P
   Micro-D Backshells Strain Relief, Qwik-Ty, One Piece
More results

Similar Description - 500SAACMACFR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ7050B-6.000 FOX-FQ7050B-6.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-8.000 FOX-FQ7050B-8.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-10.000 FOX-FQ7050B-10.000 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
FQ7050B-11.0592 FOX-FQ7050B-11.0592 Datasheet
61Kb / 1P
   ALL QUARTZ, Pb-FREE, SMD, CRYSTAL
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
TXC Corporation.
DE-SERIES TXC-DE-SERIES Datasheet
941Kb / 1P
   LVDS output, output frequencies 25 MHz to 200 MHz.
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com