Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA64FTIST Datasheet(PDF) 9 Page - Microchip Technology

Part # 24AA64FTIST
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA64FTIST Datasheet(HTML) 9 Page - Microchip Technology

Back Button 24AA64FTIST Datasheet HTML 5Page - Microchip Technology 24AA64FTIST Datasheet HTML 6Page - Microchip Technology 24AA64FTIST Datasheet HTML 7Page - Microchip Technology 24AA64FTIST Datasheet HTML 8Page - Microchip Technology 24AA64FTIST Datasheet HTML 9Page - Microchip Technology 24AA64FTIST Datasheet HTML 10Page - Microchip Technology 24AA64FTIST Datasheet HTML 11Page - Microchip Technology 24AA64FTIST Datasheet HTML 12Page - Microchip Technology 24AA64FTIST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22154A-page 9
24AA64F/24LC64F
FIGURE 6-1:
BYTE WRITE
FIGURE 6-2:
PAGE WRITE
xxx
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
x
= “don’t care” bit
S 10 10
0
A
2
A
1
A
0
P
xxx
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
High Byte
Address
Low Byte
Data Byte 0
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
Data Byte 31
A
C
K
x
= “don’t care” bit
S 10 1 0
0
A
2
A
1
A
0
P


Similar Part No. - 24AA64FTIST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64FT MICROCHIP-24AA64FT Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-E/MNY.OT MICROCHIP-24AA64FT-E/MNY.OT Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-E/MS MICROCHIP-24AA64FT-E/MS Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-E/P MICROCHIP-24AA64FT-E/P Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-E/SN MICROCHIP-24AA64FT-E/SN Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
More results

Similar Description - 24AA64FTIST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA32AF MICROCHIP-24AA32AF Datasheet
501Kb / 30P
   32K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
   2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
   16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
   1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
   8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com