Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B64290P0683X010 Datasheet(PDF) 10 Page - EPCOS

Part # B64290P0683X010
Description  Ferrites and accessories
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290P0683X010 Datasheet(HTML) 10 Page - EPCOS

Back Button B64290P0683X010 Datasheet HTML 6Page - EPCOS B64290P0683X010 Datasheet HTML 7Page - EPCOS B64290P0683X010 Datasheet HTML 8Page - EPCOS B64290P0683X010 Datasheet HTML 9Page - EPCOS B64290P0683X010 Datasheet HTML 10Page - EPCOS B64290P0683X010 Datasheet HTML 11Page - EPCOS B64290P0683X010 Datasheet HTML 12Page - EPCOS B64290P0683X010 Datasheet HTML 13Page - EPCOS B64290P0683X010 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Parylene coating
R 6.30
 3.80  2.50 (mm)
R 0.248
 0.150  0.098 (inch)
Dimensions
Characteristics and ordering codes
Parylene coating
R 8.00
 4.00  4.00 (mm)
R 0.315
 0.158  0.158 (inch)
Dimensions
Characteristics and ordering codes
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
6.30
0.15 3.80 0.12 2.50 0.12
0.248
0.006 0.150 0.005 0.098 0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K1
20
25%
80
B64290P0037X001
4.97
15.21
3.06
46.5
0.2
N87
560
25%
2200
B64290P0037X087
N30
1090
25%
4300
B64290P0037X830
T65
1160
30%
4600
B64290P0037X065
T38
2530
30% 10000
B64290P0037X038
T46
3600
30% 14000
B64290P0037X046
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
8.00
0.18 4.00 0.12 4.00 0.12
0.315
0.007 0.158 0.005 0.158 0.005 uncoated1)
Coating thickness 0.017 mm
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1200
25%
2200
B64290P0751X087
2.26
17.42
7.70
134
0.7
N30
2400
25%
4300
B64290P0751X830
T65
2550
30%
4600
B64290P0751X065
T38
5500
30% 10000
B64290P0751X038
T46
8000
30% 15000
B64290P0751X046
B64290P0037
B64290P0751
R 8.00
 4.00  4.00
R 6.30
 3.80  2.50


Similar Part No. - B64290P0683X010

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B64290P0683X010 TDK-B64290P0683X010 Datasheet
156Kb / 7P
   Ferrites and accessories
More results

Similar Description - B64290P0683X010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com