Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3000-C-GS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI3000-C-GS
Description  84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3000-C-GS Datasheet(HTML) 4 Page - Silicon Laboratories

  SI3000-C-GS Datasheet HTML 1Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 2Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 3Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 4Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 5Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 6Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 7Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 8Page - Silicon Laboratories SI3000-C-GS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Si3000
4
Rev. 1.4
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
F and K-grade
0
25
70
°C
Si3000 Supply Voltage, Analog2
VA
3.0
3.3/5.0
5.25
V
Si3000 Supply Voltage, Digital2,3
VD
3.0
3.3/5.0
5.25
V
Notes:
1.
All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25°C unless otherwise stated.
2.
The digital supply, VD, and analog supply, VA, can operate from either 3.3 V or 5.0 V. The Si3000 supports interface to
3.3 V logic when operating from 3.3 V. VD must be within 0.6 V of VA.
3.
The Si3000 specifications are guaranteed using the typical application circuit (including component tolerance) of
Figure 13.
Table 2. DC Characteristics, VA/VD = 5 V
(VA = 5 V ±5%, VD = 5 V ±5%, TA = 0 to 70°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
3.5
V
Low Level Input Voltage
VIL
0.8
V
High Level Output Voltage
VOH
IO = –2 mA
3.5
V
Low Level Output Voltage
VOL
IO = 2 mA
0.4
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Analog1
IA
VA pin
6.5
10
mA
Power Supply Current, Digital2
ID
VD pin
10
15
mA
Total Supply Current, Sleep Mode3
1.5
mA
Notes:
1.
No loads at DAC outputs, no load at MBIAS, Fs=12.5 kHz.
2.
Slave mode operation, Fs = 12.5 kHz.
3.
All inputs, except MCLK, are held static, and all outputs are unloaded.
Table 3. DC Characteristics, VA/VD = 3.3 V
(VA = 3.3 V ±10%, VD = 3.3 V ±10%, TA = 0 to 70°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.4
V
Low Level Input Voltage
VIL
0.8
V
High Level Output Voltage
VOH
IO = –2 mA
2.4
V
Low Level Output Voltage
VOL
IO = 2 mA
0.35
V
Input Leakage Current
IL
–10
10
µA
Power Supply Current, Analog
IA
VA pin
6
10
mA
Power Supply Current, Digital2
ID
VD pin
6
10
mA
Total Supply Current, Sleep Mode3
1.5
mA
Notes:
1.
No loads at DAC outputs, no load at MBIAS, Fs=12.5 kHz.
2.
Slave mode operation, Fs = 12.5 kHz.
3.
All inputs, except MCLK, are held static, and all outputs are unloaded.


Similar Part No. - SI3000-C-GS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3000-C-GS SKYWORKS-SI3000-C-GS Datasheet
1Mb / 34P
   VOICEBAND CODEC WITH MICROPHONE/SPEAKER DRIVE
Rev. 1.4 August 19, 2021
More results

Similar Description - SI3000-C-GS

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
OBR4600 A-DATA-OBR4600 Datasheet
825Kb / 4P
   70 dB dynamic range
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
   100 dB SNR and dynamic range
April 2013 Rev 3
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
STMicroelectronics
STA339BWS STMICROELECTRONICS-STA339BWS Datasheet
1Mb / 79P
   FFX with 100-dB SNR and dynamic range
September 2014 Rev 8
logo
M/A-COM Technology Solu...
AM-155 MA-COM-AM-155 Datasheet
83Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
Tyco Electronics
AM-AMC-155 MACOM-AM-AMC-155 Datasheet
223Kb / 3P
   High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
logo
Texas Instruments
LMH2110 TI1-LMH2110_16 Datasheet
1Mb / 36P
[Old version datasheet]   8-GHz Logarithmic RMS Power Detector with 45-dB Dynamic Range
LMH2120 TI1-LMH2120 Datasheet
1Mb / 34P
[Old version datasheet]   6 GHz Linear RMS Power Detector with 40 dB Dynamic Range
logo
API Technologies Corp
TAD5006 APITECH-TAD5006 Datasheet
194Kb / 1P
   4 Bit Digital Attenuator Attentuation Range: 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com