Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17501 Datasheet(PDF) 4 Page - Epson Company

Part # S1C17501
Description  CMOS 16-bit Application specific Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17501 Datasheet(HTML) 4 Page - Epson Company

  S1C17501 Datasheet HTML 1Page - Epson Company S1C17501 Datasheet HTML 2Page - Epson Company S1C17501 Datasheet HTML 3Page - Epson Company S1C17501 Datasheet HTML 4Page - Epson Company S1C17501 Datasheet HTML 5Page - Epson Company S1C17501 Datasheet HTML 6Page - Epson Company S1C17501 Datasheet HTML 7Page - Epson Company S1C17501 Datasheet HTML 8Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S1C17501
4
EPSON
● USB Function Controller
• Supports USB2.0 full speed (12M bps) mode.
• Supports auto negotiation function.
• Scratch and variable bulk end point size
• Embedded 1K-byte programmable FIFO
• Can generate a USB interrupt.
● CARD Interface
• Generates 8- or 16-bit NAND Flash interface signals.
• The ECC function should be implemented in the application program.
● Infrared Remote Controller
• Outputs a modulated carrier signal and inputs remote control pulses.
• Embedded carrier signal generator and data length counter.
• Can generates REMC interrupts.
● General-Purpose I/O Ports
• Maximum 91 I/O ports and eight input ports are available.
• Can generate input interrupts from the eight ports selected with software.
∗ The GPIO ports are shared with other peripheral function pins (UART, PWM etc.). Therefore, the number of GPIO
ports depends on the peripheral functions used.
● A/D Converter
• 10-bit A/D converter with up to eight analog input ports
• Can generates an end of conversion interrupt and an out of range interrupt.
• Outputs an out of range signal to the IGBT circuit in the PWM control capture timer/counter module.
● Operating Voltage
• VDD:
3.00 to 3.60 V (3.3 V typ.)
• RTCVDD:
3.00 to 3.60 V (3.3 V typ.)
• AVDD (I/O): 2.70 to 5.50 V
● I/O Interface Voltage
• VDD
(41 GPIO support -0.3 to 5.8 V input voltage.)
● Power Consumption
• During SLEEP:
4.5 μW(typ.)
• During HALT:
53 mW(typ.)
in 48 MHz/3.3 V operation
• During execution:
116 mW(typ.) in 48 MHz/3.3 V operation
• Battery backup power: 0.28 μW(typ.) 3.3 V, OSC1 deactivated
∗ By controlling the clocks through the Clock-Gear (CMU), power consumption can be reduced.
● Shipping Form
• Plastic package: TQFP14-100pin (12 mm
× 12 mm × 1.2 mm, 0.4 mm pin pitch)
TQFP15-128pin (14 mm
× 14 mm × 1.2 mm, 0.4 mm pin pitch)
Operating Temperatures
• During flash read:
• During flash write:
• During the use of USB:
-40 to 85°C
-40 to 70°C
0 to 70°C


Similar Part No. - S1C17501

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17554 EPSON-S1C17554 Datasheet
165Kb / 4P
   16-bit Single Chip Microcontroller
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
S1C17564 EPSON-S1C17564 Datasheet
165Kb / 4P
   16-bit Single Chip Microcontroller
S1C17565 EPSON-S1C17565 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
More results

Similar Description - S1C17501

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17801 EPSON-S1C17801 Datasheet
112Kb / 8P
   CMOS 16-bit Application Specific Controller
S1C17803 EPSON-S1C17803 Datasheet
171Kb / 8P
   CMOS 16-bit Application Specific Controller
S1C33L26 EPSON-S1C33L26 Datasheet
190Kb / 7P
   CMOS 32-bit Application Specific Controller
S1C33L15 EPSON-S1C33L15 Datasheet
178Kb / 6P
   CMOS 32-bit Application Specific Controller
S1C33L27 EPSON-S1C33L27 Datasheet
164Kb / 7P
   CMOS 32-bit Application Specific Controller
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
S1C33A01 EPSON-S1C33A01 Datasheet
148Kb / 5P
   CMOS 32-bit Application Specific Controller
S1C33E07 EPSON-S1C33E07 Datasheet
344Kb / 6P
   CMOS 32-bit Application Specific Controller
S1C33L19 EPSON-S1C33L19 Datasheet
174Kb / 8P
   CMOS 32-bit application Specific Controller
logo
Fujitsu Component Limit...
MB82D01171A FUJITSU-MB82D01171A Datasheet
248Kb / 27P
   16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com