Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-30689-TR1G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30689-TR1G
Description  40MHz - 3000MHz Flat Gain High Linearity Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30689-TR1G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-30689-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-30689-TR1G Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Demo board Part List
Table 1. 40 MHz – 2 GHz Application Schematic Components
Circuit Symbol
Size
Value
Part Number
Description
L2
0805
820nH
LLQ2012-series (Toko)
Wire Wound Chip Inductor
C4
0402
100pF
GRM1555C1H101JZ01B (Murata)
Ceramic Chip Capacitor
C5
0402
0.1uF
GRM155R71C104KA88D (Murata)
Ceramic Chip Capacitor
C6
0805
2.2uF
GRM21BR61E225KA12L (Murata)
Ceramic Chip Capacitor
C7
0402
0.1uF
GRM155R71C104KA88D (Murata)
Ceramic Chip Capacitor
C8
0402
0.1uF
GRM155R71C104KA88D (Murata)
Ceramic Chip Capacitor
Table 2. 0.2 GHz – 3 GHz Application Schematic Components
Circuit Symbol
Size
Value
Part Number
Description
L1
0402
100nH
LL1005-FHLR10J (Toko)
MLC Inductor
C1
0402
10pF
GRM1555C1H100JZ01B (Murata)
Ceramic Chip Capacitor
C2
0402
0.1uF
GRM155R71C104KA88D (Murata)
Ceramic Chip Capacitor
C3
0805
2.2uF
GRM21BR61E225KA12L (Murata)
Ceramic Chip Capacitor
C7
0402
100pF
GRM1555C1H101JZ01B (Murata)
Ceramic Chip Capacitor
C8
0402
100pF
GRM1555C1H101JZ01B (Murata)
Ceramic Chip Capacitor
Table 3. 1.5 GHz – 2.6 GHz Application Schematic Components
Circuit Symbol
Size
Value
Part Number
Description
L1
0402
5.6nH
LL1005-FHL5N6S (Toko)
MLC Inductor
C1
0402
100pF
GRM1555C1H101JZ01B (Murata)
Ceramic Chip Capacitor
C2
0402
0.1uF
GRM155R71C104KA88D (Murata)
Ceramic Chip Capacitor
C3
0805
2.2uF
GRM21BR61E225KA12L (Murata)
Ceramic Chip Capacitor
C7
0402
20pF
GRM1555C1H200JZ01B (Murata)
Ceramic Chip Capacitor
C8
0402
20pF
GRM1555C1H200JZ01B (Murata)
Ceramic Chip Capacitor
Test Circuit for S-Parameter and Noise Parameter
3
1
2
RFin
GND
Vdd
RFout
Top View
Port1
Port2/
Bias Tee
Figure 32. S-parameter and Noise parameter test circuit


Similar Part No. - MGA-30689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30689 BOARDCOM-MGA-30689 Datasheet
733Kb / 16P
   40MHz - 3000MHz v
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
More results

Similar Description - MGA-30689-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com