Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-30489-BLKG Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-30489-BLKG
Description  0.25W Driver Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-30489-BLKG Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-30489-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-30489-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Thermal Resistance
Thermal Resistance [3]
(Vd = 5.0 V) θjc = 50.50°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage
2. Source lead temperature is 25°C. Derate
19.8mW/°C for TL > 54.56°C
3. Thermal resistance measured using 150°C Infra-
Red Microscopy Technique.
MGA-30489 Electrical Specification [4]
TC = 25°C, Zo = 50Ω, Vd = 5V, unless noted
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Ids
Quiescent Current
N/A
mA
80
97
120
NF
Noise Figure
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dB
2.8
3
3
3.5
3.6
Gain
Gain
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dB
11.8
19.3
16.5
13.3
12
14.8
OIP3 [5]
Output Third Order Intercept Point
0.45GHz(2)
0.9GHz(2)
1.9GHz(2)
2.5GHz(2)
dBm
36.5
40.5
40.5
39
39
P1dB
Output Power at 1dB Gain Compression
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dBm
22.5
23.5
23.5
23.3
23
PAE
Power Added Efficiency at P1dB
0.45GHz
0.9GHz
1.9GHz
2.5GHz
%
44
43
40
37
IRL
Input Return Loss
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dB
10.5
11
15
18
ORL
Output Return Loss
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dB
9.5
12
14.5
12
ISOL
Isolation
0.45GHz
0.9GHz
1.9GHz
2.5GHz
dB
29
28
25.5
24
Notes:
4. Measurements obtained from a test circuit described in Figure 43.
5. OIP3 test condition: F1 - F2 = 10MHz, with input power of -10dBm per tone measured at worst case side band.
MGA-30489 Absolute Maximum Rating [1]
Symbol
Parameter
Units
Absolute
Maximum
Id,max
Drain Current
mA
180
Vd,max
Devices voltage, RF output to ground
V
8.4
Pdiss
Power Dissipation [2]
mW
1512
Pin, max
CW RF Input Power
dBm
24
Tj, max
Junction Temperature
°C
150
Tstg
Storage Temperature
°C
-65 to 150


Similar Part No. - MGA-30489-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-30489 BOARDCOM-MGA-30489 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30489 AVAGO-MGA-30489_15 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
More results

Similar Description - MGA-30489-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30489 AVAGO-MGA-30489_15 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
Broadcom Corporation.
DEMO-MGA-30X89 BOARDCOM-DEMO-MGA-30X89 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
MGA-30489 BOARDCOM-MGA-30489 Datasheet
802Kb / 18P
   0.25W Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31289 BOARDCOM-MGA-31289 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier 1500 - 3000 MHz
MGA-31189 BOARDCOM-MGA-31189 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier 50 ??2000 MHz
logo
RF Micro Devices
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com