Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQ-PUJ02K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVQ-PUJ02K
Description  Small-sized Side-operational SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ-PUJ02K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVQ-PUJ02K Datasheet HTML 1Page - Panasonic Semiconductor EVQ-PUJ02K Datasheet HTML 2Page - Panasonic Semiconductor EVQ-PUJ02K Datasheet HTML 3Page - Panasonic Semiconductor EVQ-PUJ02K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Light Touch Switches/EVQPU
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
6.4
4.7
±0.1
1
2
3
4
2.6
1.4
±0.1
3.7
1
2
3
4
6.8
±0.1
3.7
±0.1
φ0.2±0.1
φ0.75
+0
.1
–0
+0
–0.3
Circuit diagram
PWB land pattern for reference
6.4
4.7
±0.1
1
2
3
4
2.6
1.4
±0.1
3.7
1
2
3
4
6.8
±0.1
3.7
±0.1
+0
– 0.3
Circuit diagram
PWB land pattern for reference
Dimensions in mm (not to scale)
No. 1
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQPUJ02K1.6 N1.65 mm
Black100000 cycles
EVQPUA02K2.2 N1.65 mm
Black100000 cycles
Part Numbers
Operating Force
Height
Push Plate Color
Operating Life
EVQPUL02K
1.6 N
1.65 mm
Black
100000 cycles
EVQPUC02K
2.2 N
1.65 mm
Black
100000 cycles
No. 2
EVQPUJ
EVQPUA
(Embossed Taping)
With straight terminals
Without boss
EVQPUL
EVQPUC
(Embossed Taping)
With straight terminals
With boss
Oct. 2012
00


Similar Part No. - EVQ-PUJ02K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-PUA02K PANASONIC-EVQ-PUA02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
EVQ-PUC02K PANASONIC-EVQ-PUC02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
EVQ-PUL02K PANASONIC-EVQ-PUL02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
More results

Similar Description - EVQ-PUJ02K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-PUC02K PANASONIC-EVQ-PUC02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
EVQ-PUA02K PANASONIC-EVQ-PUA02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
EVQ-PUL02K PANASONIC-EVQ-PUL02K Datasheet
114Kb / 4P
   Small-sized Side-operational SMD Light Touch Switches
EVQP7 PANASONIC-EVQP7 Datasheet
188Kb / 4P
   3.5 mm횞2.9 mm Side-operational SMD Light Touch Switches
201703-Fd
EVQPF PANASONIC-EVQPF Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PF206K PANASONIC-EVQ-PF206K Datasheet
66Kb / 2P
   5N Type Side-operational Light Touch Switches
EVQ-PSH02K PANASONIC-EVQ-PSH02K Datasheet
112Kb / 4P
   6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVQPS PANASONIC-EVQPS Datasheet
210Kb / 4P
   6.1 mm4.0 mm Side-operational SMD Light Touch Switches
EVQ-P7B01K PANASONIC-EVQ-P7B01K Datasheet
144Kb / 4P
   3.5 mm2.9 mm Side-operational SMD Light Touch Switches
EVQ-PC105K PANASONIC-EVQ-PC105K Datasheet
86Kb / 2P
   5N Type Side-operational 4R Light Touch Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com