Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-GSM900 Datasheet(PDF) 8 Page - Silicon Laboratories

Part No. E-GSM900
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

 8 page
background image
Aero I
8
Rev. 1.0
Table 5. Receiver Characteristics
(VDD = 2.7 to 3.0 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
GSM Input Frequency1
fIN
GSM 850 band
869
894
MHz
E-GSM 900 band
925
960
MHz
DCS or PCS Input Frequency1
DCS 1800 band
1805
1880
MHz
PCS 1900 band
1930
1990
MHz
Noise Figure at 25 °C2,3
NF25
GSM 850 band
2.9
3.8
dB
E-GSM 900 band
3.0
3.9
dB
DCS 1800 band
3.3
4.1
dB
PCS 1900 band
3.7
4.5
dB
Noise Figure at 75 °C2,3
NF75
GSM 850 band
3.6
4.5
dB
E-GSM 900 band
3.7
4.6
dB
DCS 1800 band
4.2
5.0
dB
PCS 1900 band
4.9
5.7
dB
Noise Figure at 85 °C2,3
NF85
GSM 850 band
3.7
4.6
dB
E-GSM 900 band
3.8
4.7
dB
DCS 1800 band
4.6
5.4
dB
PCS 1900 band
5.2
6.0
dB
3 MHz Input Desensitization2,3,4
DES3
GSM input
–25
–21
dBm
DCS/PCS inputs
–28
–25
dBm
20 MHz Input Desensitization2,3,4
DES20
GSM input
–21
–16
dBm
DCS/PCS inputs
–19
–15
dBm
Input IP22
IP2
|f1,2 – f0| ≥ 6MHz,
|f2 – f1| = 100 kHz
29
40
dBm
Input IP32
IP3
|f2 – f1| ≥ 800 kHz,
f0 = 2f1 – f2
–18
–12
dBm
Image Rejection2,4
IR
GSM Input
28
35
dB
DCS/PCS Inputs
28
40
dB
1 dB Input Compression2,5
CPMAX
GSM Input
–28
–23
dBm
DCS/PCS inputs
–27
–22
dBm
1 dB Input Compression2,6
CPMIN
GSM Input
–23
–18
dBm
DCS/PCS inputs
–23
–18
dBm
Minimum Voltage Gain2,6,7
GMIN
GSM input
3
8.5
12.5
dB
DCS/PCS inputs
10
15.5
19.5
dB
Maximum Voltage Gain2,7
GMAX
GSM input
100
104
109
dB
DCS/PCS inputs
96
102
107
dB
LNA Voltage Gain3,8
GLNA
GSM input
17
dB
DCS/PCS inputs
15
dB
LNA Gain Control Range
∆GLNA
GSM input
13
17
21
dB
DCS/PCS inputs
4
8
12
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl