Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-GSM900 Datasheet(PDF) 5 Page - Silicon Laboratories

Part No. E-GSM900
Description  Single 8x8 mm package CMOS process technology Intergrated GSM/GPRS transceiver including
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo 

 
 5 page
background image
Aero I
Rev. 1.0
5
Table 3. DC Characteristics
(VDD = 2.7 to 3.0 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current1
IRX
Receive mode
80
111
mA
ITX
Transmit mode
82
107
mA
IXOUT
PDN = 0, XEN = 1
—1
2
mA
IPDN
PDN = 0, XEN = 0,
XBUF = 0, XPD1 = 1
—5
80
µA
High Level Input Voltage2
VIH
0.7 VDD
——
V
Low Level Input Voltage2
VIL
0.3 VDD
V
High Level Input Current2
IIH
VIH = VDD = 3.0 V
–10
10
µA
Low Level Input Current2
IIL
VIL = 0 V,
VDD = 3.0 V
–10
10
µA
High Level Output Voltage3
VOH
IOH = –500 µA
VDD–0.4
V
Low Level Output Voltage3
VOL
IOL = 500 µA
0.4
V
High Level Output Voltage4
VOH
IOH = –10 mA
VDD–0.4
V
Low Level Output Voltage4
VOL
IOL = 10 mA
0.4
V
Notes:
1. Measured with load on XOUT pin of 10 pF and fREF = 13 MHz. Limits with XEN = 1 guaranteed by characterization.
2. For pins SCLK, SDI, SEN, XEN, and PDN.
3. For pins SDO, XOUT.
4. For pins DIAG1, DIAG2.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl