Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJT060805 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJT060805
Description  Anti-Surge Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJT060805 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJT060805 Datasheet HTML 1Page - Panasonic Semiconductor ERJT060805 Datasheet HTML 2Page - Panasonic Semiconductor ERJT060805 Datasheet HTML 3Page - Panasonic Semiconductor ERJT060805 Datasheet HTML 4Page - Panasonic Semiconductor ERJT060805 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Anti-Surge Thick Film Chip Resistors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70 °C
–55 °C
20
40
60
80
100
Ambient Temperature (°C)
155 °C
125 °C
a
b
t
W
L
Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
Type
(inch size)
Power Rating
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10–6/°C)
Category
Temperature
Range (°C)
ERJP03
(0603)
0.2
150
200
±0.5
10 to 1 M
(E24, E96)
±150
–55 to +155
±1
10 to 1 M
(E24, E96)
±200
±5
1 to 1 M
(E24)
R < 10
Ω : –150 to +400
10
Ω < R : ±200
ERJP06
(0805)
0.25
400
600
±0.5, ±1
10 to 1 M
(E24, E96)
R < 33
Ω : ±300
33
Ω < R : ±100
–55 to +155
±5
1 to 3.3 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R < 33 Ω : ±300
33
Ω < R : ±200
ERJP6W
(0805)
0.5
150
200
±1
10 to 1 M
(E24, E96)
±200
–55 to +155
±5
1 to 1 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
ERJP08
(1206)
0.33
500
1000
±0.5, ±1
10 to 1 M
(E24, E96)
±100
–55 to +155
±5
1 to 10 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
ERJP14
(1210)
0.5
200
400
±0.5, ±1
10 to 1 M
(E24, E96)
±100
–55 to +155
±5
1 to 1 M
(E24)
R < 10
Ω : –100 to +600
10
Ω < R : ±200
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure on the right.
✽ When the temperature of ERJP06/08/14 is 155 °C or
less, the derating start temperature can be changed to
125 °C. (See the dotted line)
Thick film
resistive element
Electrode (Inner)
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
Construction
Dimensions in mm (not to scale)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJP03
(0603)
1.60
±0.15
0.80
+0.15
0.15
+0.15
0.30
±0.15
0.45
±0.10
2
ERJP06
(0805)
2.00
±0.20
1.25
±0.10
0.25
±0.20
0.40
±0.20
0.60
±0.10
4
ERJP6W
(0805)
2.00
±0.20
1.25
±0.20
0.35
±0.20
0.35
±0.20
0.65
±0.10
6
ERJP08
(1206)
3.20
+0.05
1.60
+0.05
0.40
±0.20
0.50
±0.20
0.60
±0.10
10
ERJP14
(1210)
3.20
±0.20
2.50
±0.20
0.35
±0.20
0.50
±0.20
0.60
±0.10
16
–0.20
–0.15
–0.05
–0.10
Aug. 2012
03
20


Similar Part No. - ERJT060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJT060805 PANASONIC-ERJT060805 Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
More results

Similar Description - ERJT060805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-P14J2R4U PANASONIC-ERJ-P14J2R4U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-T08J1R0V PANASONIC-ERJ-T08J1R0V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P06F1003V PANASONIC-ERJ-P06F1003V Datasheet
160Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14F1002U PANASONIC-ERJ-P14F1002U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J220U PANASONIC-ERJ-P14J220U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P08J100V PANASONIC-ERJ-P08J100V Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14D1003U PANASONIC-ERJ-P14D1003U Datasheet
177Kb / 6P
   Anti-Surge Thick Film Chip Resistors
ERJ-P14J162U PANASONIC-ERJ-P14J162U Datasheet
135Kb / 5P
   Anti-Surge Thick Film Chip Resistors
logo
Ohmite Mfg. Co.
ASSERIES OHMITE-ASSERIES Datasheet
639Kb / 2P
   Anti-surge Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com