Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17M01 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17M01
Description  Flow meter controller with AFE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17M01 Datasheet(HTML) 1 Page - Epson Company

  S1C17M01 Datasheet HTML 1Page - Epson Company S1C17M01 Datasheet HTML 2Page - Epson Company S1C17M01 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1C17M01
Flow meter controller with AFE
■ DESCRIPTIONS
The S1C17M01 is an ultra low-power MCU equipped with an MR (magneto resistive) sensor controller that allows an MR
sensor array optimized for flow measurement (recommended sensor: KG1205-61 manufactured by KOHDEN Co., Ltd.) to be
connected directly. This IC includes an LCD driver to display the flow count and the readouts on the indicator, and the
synchronous serial interface, UART, and I2C interface for wireless communication with a remote meter reading system. This
IC allows measurement of various environmental conditions such as a temperature and humidity measurement using the R/F
converter, and a supply voltage measurement using the supply voltage detection circuit.
FEATURES
Model
S1C17M01
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
Other
On-chip debugger
Embedded Flash memory
Capacity
32K bytes (for both instructions and data)
Erase/program count
50 times (min.) *Programming by the debugging tool ICDmini
Security function to protect from reading/programming by ICDmini
Other
On-board programming function using ICDmini
Embedded RAM
Capacity
4K bytes
Embedded display RAM
Capacity
32 bytes
Clock generator (CLG)
System clock source
3 sources (IOSC/OSC1/EXOSC)
System clock frequency
(Operating frequency)
16.3 MHz (max.)
7.37 MHz (typ.) embedded oscillator
IOSC oscillator circuit
(boot clock source)
5 us (max.) starting time (time from cancelation of SLEEP state to vector table read by the
CPU)
32.768 kHz(typ.) crystal oscillator
OSC1 oscillator circuit
Oscillation stop detection circuit included
EXOSC clock input
16.3 MHz (max.) square or sine wave input
Configurable system clock division ratio
Configurable system clock used at wake up from SLEEP state
Other
Operating clock frequency for the CPU and all peripheral circuits is selectable.
I/O port (PPORT)
Number of general-purpose I/O ports
19 bits (max.) (Pins are shared with the peripheral I/O.)
Number of input interrupt ports
8 bits
Timers
Watchdog timer (WDT)
Generates NMI or watchdog timer reset.
128 – 1 Hz counter, second/minute/hour/day/day of the week/month/year counters
Theoretical regulation function for 1-second correction
Real-time clock (RTCA)
Alarm and stopwatch functions
5 channels
16-bit timer (T16)
2 channels can generate the SPIA master clock.
Supply voltage detection circuit (SVD)
Detection level
20 levels (1.8 to 3.7 V)
Other
Intermittent operation mode
Generates an interrupt or hardware reset according to the detection level evaluation.
Serial interfaces
1 channel
UART (UART)
Baud-rate generator included, IrDA1.0 supported
2 channels
Synchronous Serial Interface (SPIA)
The 16-bit timer (T16) can be used for the baud-rate generator in master mode.
1 channel
I
2C (I2C)
Baud-rate generator included
LCD driver (LCD8A)
LCD output
32 SEG x 1 to 4 COM (max.), 28 SEG x 5 to 8 COM (max.)
LCD contrast
16 levels (2.55 to 3.44 V)


Similar Part No. - S1C17M01

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17001 EPSON-S1C17001 Datasheet
114Kb / 6P
   CMS 16-bit Single chip Microcontroller
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17153 EPSON-S1C17153 Datasheet
132Kb / 3P
   16-bit Single Chip Microcontroller
More results

Similar Description - S1C17M01

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
   Single-Chip Electricity Meter AFE
Rev 1; 1/13
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
   Single-Chip Electricity Meter AFE
Rev 0; 7/12
logo
TT Electronics.
FFU TTELEC-FFU Datasheet
330Kb / 1P
   Ultrasonic Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
   Ultrasonic Flow Meter
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
   Turbine Flow Meter
logo
List of Unclassifed Man...
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
   High Purity Flow Meter
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
logo
TT Electronics.
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
   Compressed Air Flow Meter
logo
Sensitron
ASF1430 SENSITRON-ASF1430 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com