Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRPB1VWCC-RC Datasheet(PDF) 1 Page - Silicon Laboratories

Part # GRPB1VWCC-RC
Description  Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

GRPB1VWCC-RC Datasheet(HTML) 1 Page - Silicon Laboratories

  GRPB1VWCC-RC Datasheet HTML 1Page - Silicon Laboratories GRPB1VWCC-RC Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.sullinscorp.com
| 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
70
Sullins Headers
TERMINATION TYPE
PCB LAYOUT
MOUNTING STYLE
SPECIFICATIONS
Insulato
r Material: Nylon 9T
Contact Material: Brass
Plating: Overall Gold Flash
1 amp current rating
per contact
UL Flammability Rating: 94V-O
A
Ø .028±.002
[0.70±0.05]
.050
[1.27]
Ø .028±.002
[0.70±0.05]
.050
[1.27]
.050[1.27]
A
.050[1.27]
A
.100[2.54]
.093[2.35]
.177
[4.50]
.067[1.70]
.028
[0.71]
PIN 1
(LEFT)
A
A
.073[1.85]
.029[0.74]
.050[1.27]
.240
[6.10]
STRAIGHT (VWV)
RIGHT ANGLE (VWC)
SURFACE MOUNT,PIN 1 LEFT (VWT)
STRAIGHT (VWV)
RIGHT ANGLE (MWC)
SURFACE MOUNT (VWQ)
PIN 1
Ø .035[0.90]
OPTIONAL FOR
'P' MOUNTING
C
SINGLE READOUT
(VWVN)
(VWTC)
(VWCN)
.118 [3.00]
.091 [2.30]
.138
[3.50]
.098 [2.50]
.118
[3.00]
.118 [3.00]
STRAIGHT
RIGHT ANGLE
SURFACE MOUNT (SMT)
DUAL READOUT
(VWVN)
(VWQS), Without Guide Post
(VWQP), With Guide Post
(MWCN)
.201
[5.10]
.118 [3.00]
.091 [2.30]
.118
[3.00]
.098 [2.50]
.118 [3.00]
.069 [1.75]
.050 [1.27]
.083 [2.10]
.079 [2.00]
.065
[1.65]
Optional
Guide Post,
(VWQP)
.050”[1.27mm] Contact Centers, Male Header,
Dip Solder/Right Angle/SMT
No Mounting,
(N)
SMT, Without Guide Post
(S)
PIN 1
SMT, Pin 1 Left
(C)
SMT, With Guide Post
(P)


Similar Part No. - GRPB1VWCC-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GRPB11MWCC-RC ETC2-GRPB11MWCC-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB11MWCD-RC ETC2-GRPB11MWCD-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB11MWCN-RC ETC2-GRPB11MWCN-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB11MWCP-RC ETC2-GRPB11MWCP-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
GRPB11MWCS-RC ETC2-GRPB11MWCS-RC Datasheet
467Kb / 2P
   .050” [1.27 mm] Contact Centers, Male Headers, Straight/Right Angle/SMT
More results

Similar Description - GRPB1VWCC-RC

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T970048 E-SWITCH-T970048 Datasheet
272Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980025 E-SWITCH-T980025 Datasheet
175Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960106 E-SWITCH-T960106 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960107 E-SWITCH-T960107 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970035 E-SWITCH-T970035 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970043 E-SWITCH-T970043 Datasheet
179Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T980021 E-SWITCH-T980021 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T960105 E-SWITCH-T960105 Datasheet
151Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970039 E-SWITCH-T970039 Datasheet
178Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
T970040 E-SWITCH-T970040 Datasheet
176Kb / 1P
   CONTACT MATERIAL: COIN SILVER, GOLD FLASH PLATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com