Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4049NX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HC4049NX
Description  Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4049NX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC4049NX Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4049NX Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4049NX Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4049NX Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4049NX Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4049NX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to +18V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (IZK, IOK)
−20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input Voltage
0
15
V
(VIN)
DC Output Voltage
0
VCC
V
(VOUT)
Operating Temperature Range (TA)
−40 +85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40°C to 85°CTA = −55°C to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level Input
2.0V
1.5
1.5
1.5
V
Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level Input
2.0V
0.5
0.5
0.5
V
Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
|IOUT| ≤ 4 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
VIN = 15V
2.0V
±0.5
±5
±5
µA
ICC
Maximum Quiescent Supply VIN = VCC or GND
6.0V
2.0
20
40
µA
Current
IOUT = 0 µA


Similar Part No. - MM74HC4049NX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4040 FAIRCHILD-MM74HC4040 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040M FAIRCHILD-MM74HC4040M Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040MTC FAIRCHILD-MM74HC4040MTC Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040N FAIRCHILD-MM74HC4040N Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
MM74HC4040SJ FAIRCHILD-MM74HC4040SJ Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results

Similar Description - MM74HC4049NX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC4049D MOTOROLA-MC74HC4049D Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
logo
STMicroelectronics
HCF4049UB STMICROELECTRONICS-HCF4049UB Datasheet
119Kb / 9P
   HEX BUFFER/CONVERTER (INVERTING)
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
   HEX BUFFER/CONVERTER (INVERTING)
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
   HEX BUFFER/CONVERTER INVERTING TYPE
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
SparkFun Electronics
PRT-14765 SPARKFUN-PRT-14765 Datasheet
251Kb / 2P
   SparkFun Logic Level Converter - Single Supply
8??3??8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com