Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLT905-300GS Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT905-300GS
Description  High Power Infrared Laser Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT905-300GS Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT905-300GS Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
SCHOENBRUNNER STRASSE 7, VIENNA, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com
RLT905-300GS TECHNICAL DATA
High Power Infrared Laser Diode
Lasing mode structure: single mode
Lasing wavelength: typ. 905 nm
Optical power: 300 mW
Package: 9 mm (SOT-148)
PIN CONNECTION:
1) Laser diode anode
2) Laser diode cathode and photodiode cathode
3) Photodiode anode
Absolute Maximum Ratings (Tc = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Optical Output Power
Po
400
mW
LD Reverse Voltage
VR(LD)
1.5
V
PD Reverse Voltage
VR(PD)
10
V
Operating Temperature
TC
-20 .. +40
°C
Storage Temperature
TSTG
-40 .. +70
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Emitting Aperture
A
cw
1 x 5
µm²
Optical Output Power
Po
single mode
300
mW
Threshold Current
Ith
cw
50
60
mA
Operation Current
Iop
Po = 300 mW
360
370
390
mA
Forward Voltage
Uf
Po = 300 mW
1.8
1.9
2.0
V
Lasing Wavelength
λ
p
Po = 300 mW
900
905
910
nm
Spectral Width FWHM
∆λ
Po = 300 mW
0.2
0.3
nm
Beam Divergence
θ
//
Po = 300 mW
25
°
Beam Divergence
θ
Po = 300 mW
40
°
Monitor Current
Im
Po = 300 mW
100
500
1500
µA
NOTE!
LASERDIODE
MUST BE COOLED!


Similar Part No. - RLT905-300GS

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT905-100GS ROITHNER-RLT905-100GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
logo
List of Unclassifed Man...
RLT905-500G ETC-RLT905-500G Datasheet
52Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT905-500G ROITHNER-RLT905-500G Datasheet
58Kb / 1P
   high power infrared laser diode
More results

Similar Description - RLT905-300GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
RLT808-150GS ROITHNER-RLT808-150GS Datasheet
63Kb / 1P
   High Power Infrared Laser Diode
logo
Samtec, Inc
RLT1300-40G SAMTEC-RLT1300-40G Datasheet
108Kb / 2P
   High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT940-100GS ROITHNER-RLT940-100GS Datasheet
58Kb / 1P
   High Power Infrared Laser Diode
RLT98500GOP ROITHNER-RLT98500GOP Datasheet
178Kb / 3P
   High Power Infrared Laser Diode
RLT981000G ROITHNER-RLT981000G Datasheet
111Kb / 2P
   High Power Infrared Laser Diode
RLT1600-30G ROITHNER-RLT1600-30G Datasheet
116Kb / 2P
   High Power Infrared Laser Diode
RLT1725-300HHL ROITHNER-RLT1725-300HHL Datasheet
92Kb / 1P
   High Power Infrared Laser Diode
RLCO-808-2000-TO3 ROITHNER-RLCO-808-2000-TO3 Datasheet
122Kb / 3P
   High Power Infrared Laser Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com