Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC589 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC589
Description  8-Bit Shift Registers with Input Latches and 3-STATE Serial Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC589 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC589 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC589 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
DS005368
www.fairchildsemi.com
September 1983
Revised September 2001
MM74HC589
8-Bit Shift Registers
with Input Latches and 3-STATE Serial Output
General Description
The
MM74HC589
high
speed
shift
register
utilizes
advanced silicon-gate CMOS technology to achieve the
high noise immunity and low power consumption of stan-
dard CMOS integrated circuits, as well as the ability to
drive 15 LS-TTL loads.
The MM74HC589 comes in a 16-pin package and consists
of an 8-bit storage latch feeding a parallel-in, serial-out 8-
bit shift register. Data can also be entered serially the shift
register through the SER pin. Both the storage register and
shift register have positive-edge triggered clocks, RCK and
SCK, respectively. SLOAD pin controls parallel LOAD or
serial shift operations for the shift register. The shift register
has a 3-STATE output to enable the wire-ORing of multiple
devices on a serial bus.
The 74HC logic family is speed, function, and pin-out com-
patible with the standard 74LS logic family. All inputs are
protected from damage due to static discharge by internal
diode clamps to VCC and ground.
Features
s 8-bit parallel storage register inputs
s Wide operating voltage range: 2V–6V
s Shift register has direct overriding load
s Guaranteed shift frequency. . . DC to 30 MHz
s Low quiescent current: 80
µA maximum (74HC Series)
s 3-STATE output for ‘Wire-OR'
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Truth Table
Order Number
Package Number
Package Description
MM74HC589M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC589SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC589N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
RCK
SCK SLOAD OE
Function
XX
X
H
QH in Hi-Z State
XX
X
L
QH is enabled
X
X
X
Data loaded into input latches
X
L
X
Data loaded into shift register
from pins
H or L
X
L
X
Data loaded from latches to
shift register
X
H
X
Shift register is shifted. Data
on SER pin is shifted in.
↑↑
H
X
Data is shifted in shift register,
and data is loaded into latches


Similar Part No. - MM74HC589

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC58J NSC-MM74HC58J Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
MM74HC58N NSC-MM74HC58N Datasheet
126Kb / 4P
   Dual AND-OR-Invert Gate / Dual AND-OR Gate
More results

Similar Description - MM74HC589

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS589 TI-SN74LS589 Datasheet
214Kb / 5P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
   8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH INPUT LATCHES
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com