Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32LG330 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # EFM32LG330
Description  High Performance 32-bit processor up to 48 MHz memory Protection Unit
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM32LG330 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button EFM32LG330 Datasheet HTML 7Page - Silicon Laboratories EFM32LG330 Datasheet HTML 8Page - Silicon Laboratories EFM32LG330 Datasheet HTML 9Page - Silicon Laboratories EFM32LG330 Datasheet HTML 10Page - Silicon Laboratories EFM32LG330 Datasheet HTML 11Page - Silicon Laboratories EFM32LG330 Datasheet HTML 12Page - Silicon Laboratories EFM32LG330 Datasheet HTML 13Page - Silicon Laboratories EFM32LG330 Datasheet HTML 14Page - Silicon Laboratories EFM32LG330 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-06-28 - EFM32LG330FXX - d0110_Rev1.10
11
www.energymicro.com
3.3.2 Environmental
Table 3.3. Environmental
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VESDHBM
ESD (Human Body Model
HBM)
TAMB=25°C
2
kV
VESDCDM
ESD (Charged Device
Model, CDM)
TAMB=25°C
1
kV
Latch-up sensitivity test passed level A according to JEDEC JESD 78B method Class II, 85°C.


Similar Part No. - EFM32LG330

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32LG330F128G-F-QFN64 SILABS-EFM32LG330F128G-F-QFN64 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
EFM32LG330F256G-F-QFN64 SILABS-EFM32LG330F256G-F-QFN64 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
EFM32LG330F64G-F-QFN64 SILABS-EFM32LG330F64G-F-QFN64 Datasheet
5Mb / 469P
   EFM32 Leopard Gecko Family
Rev. 2.40
More results

Similar Description - EFM32LG330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Renesas Technology Corp
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
logo
Motorola, Inc
MC68851 MOTOROLA-MC68851 Datasheet
1Mb / 47P
   32-Bit Paged Memory Management Unit
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com