Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4316N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC4316N
Description  Quad Analog Switch with Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4316N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC4316N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4316N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 1984
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005369.prf
www.fairchildsemi.com
MM74HC4316
Quad Analog Switch with Level Translator
General Description
The MM74HC4316 devices are digitally controlled analog
switches implemented in advanced silicon-gate CMOS
technology. These switches have low “ON” resistance and
low “OFF” leakages. They are bidirectional switches, thus
any analog input may be used as an output and vice-versa.
Three supply pins are provided on the MM74HC4316 to
implement a level translator which enables this circuit to
operate with 0–6V logic levels and up to
±6V analog switch
levels. The MM74HC4316 also has a common enable input
in addition to each switch's control which when LOW will
disable all switches to their OFF state. All analog inputs
and outputs and digital inputs are protected from electro-
static damage by diodes to VCC and ground.
Features
s Typical switch enable time: 20 ns
s Wide analog input voltage range:
±6V
s Low “ON” resistance:
50 typ. (VCC−VEE = 4.5V) 30 typ. (VCC−VEE = 9V)
s Low quiescent current: 80
µA maximum (74HC)
s Matched switch characteristics
s Individual switch controls plus a common enable
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Diagram
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
Order Number
Package Number
Package Description
MM74HC4316M
M16A
16-Lead Small Outline Integrated Package (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC4316SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4316MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-1536, 4.4mm Wide
MM74HC4316N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Switch
En
CTL
I/O–O/I
HX
“OFF”
LL
“OFF”
LH
“ON”


Similar Part No. - MM74HC4316N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC4016 NSC-MM74HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016J NSC-MM74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016N NSC-MM74HC4016N Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4017 NSC-MM74HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results

Similar Description - MM74HC4316N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC4316 FAIRCHILD-74VHC4316 Datasheet
104Kb / 9P
   Quad Analog Switch with Level Translator
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com