Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC4538 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC4538
Description  Dual Retriggerable Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4538 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC4538 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4538 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation Temperature Derating: Plastic “N” Package:
12mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC
+0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(Reset only)
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level Input
2.0V
1.5
1.5
1.5
V
Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level Input
2.0V
0.5
0.5
0.5
V
Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level Output VIN = VIH or VIL
Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
3.98
3.84
3.7
V
|IOUT| ≤ 5.2 mA
6.0V
5.48
5.34
5.2
V
VOL
Maximum LOW Level Output VIN = VIH or VIL
2.0V
0
0.1
0.1
0.1
V
Voltage
|IOUT| ≤ 20 µA
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.26
0.33
0.4
V
|IOUT| ≤ 5.2 mA
6.0V
0.26
0.33
0.4
V
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
(Pins 2, 14) (Note 5)
IIN
Maximum Input Current
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
(all other pins)
ICC
Maximum Active Supply
Pins 2, 14
= 0.5 V
CC
Active
Current
Q1, Q2
= HIGH
6.0V
150
250
400
µA
VIN = VCC or GND
ICC
Maximum Quiescent Supply
Pins 2, 14
= OPEN
Quiescent Current
Q1, Q2
= LOW
6.0V
130
220
350
µA
VIN = VCC or GND


Similar Part No. - MM74HC4538

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
MM74HC4511J NSC-MM74HC4511J Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
MM74HC4511N NSC-MM74HC4511N Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Fairchild Semiconductor
MM74HC4514 FAIRCHILD-MM74HC4514 Datasheet
73Kb / 7P
   4-to-16 Line Decoder with Latch
MM74HC4514MTC FAIRCHILD-MM74HC4514MTC Datasheet
73Kb / 7P
   4-to-16 Line Decoder with Latch
More results

Similar Description - MM74HC4538

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com